Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFQ52DM6E Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM660OFQ52DM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFQ52DM6E Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM660OFQ52DM6E Datasheet HTML 41Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 42Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 43Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 44Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 45Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 46Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 47Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 48Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
STM6600 - STM6601
Package mechanical data
Doc ID 15453 Rev 7
45/51
Figure 43.
Carrier tape for TDFN12 (2 mm x 3 mm) package
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 7.
Carrier tape dimensions for TDFN12 (2 mm x 3 mm) package
Package
W
D
E
P0
P2
FA0
B0
K0
P1
TUnit
Bulk
Qty.
TDFN12
12.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
5.50
±0.05
2.30
±0.10
3.20
±0.10
1.10
±0.01
4.00
±0.10
0.30
±0.05
mm 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com