Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFQ52DM6E Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM660OFQ52DM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFQ52DM6E Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM660OFQ52DM6E Datasheet HTML 36Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 37Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 38Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 39Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 40Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 41Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 42Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 43Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
DC and AC characteristics
STM6600 - STM6601
40/51
Doc ID 15453 Rev 7
PB
VIL
Input low voltage
VCC ≥ 2.0 V, enable asserted
0.99
V
VIH
Input high voltage
VCC ≥ 2.0 V, enable asserted
1.05
V
tDEBOUNCE Debounce period
VCC ≥ 2.0 V20
32
44
ms
RPB
Internal pull-up resistor
VCC = 5.5 V, input asserted
65
100
135
k
Ω
SR
VIL
Input low voltage
0.99
V
VIH
Input high voltage
1.05
V
tDEBOUNCE Debounce period
20
32
44
ms
RSR
(4)
Internal pull-up resistor
VCC = 5.5 V, input asserted
65
100
135
k
Ω
PBOUT
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
PBOUT asserted
0.3
V
PBOUT leakage current
VPBOUT = 3 V, PBOUT open
drain
–0.1
+0.1
µA
VCCLO
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
VCCLO asserted
0.3
V
VCCLO leakage current
VVCCLO = 3 V, VCCLO open
drain
–0.1
+0.1
µA
PSHOLD
VIL
Input low voltage
VCC ≥ 2.0 V0.99
V
VIH
Input high voltage
VCC ≥ 2.0 V1.05
V
Glitch immunity
1
80
µs
PSHOLD leakage current
VPSHOLD = 0.6 V
–0.1
0.1
µA
PSHOLD to enable
propagation delay
30
µs
RPSHOLD
Pull-down resistor
connected internally during
power-up
VPSHOLD = 5.5 V
195
300
405
k
Ω
Table 5.
DC and AC characteristics (continued)
Symbol
Parameter
Test condition(1)
Min.
Typ.(2)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com