Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFQ52DM6E Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM660OFQ52DM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFQ52DM6E Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM660OFQ52DM6E Datasheet HTML 35Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 36Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 37Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 38Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 39Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 40Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 41Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 42Page - STMicroelectronics STM660OFQ52DM6E Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
STM6600 - STM6601
DC and AC characteristics
Doc ID 15453 Rev 7
39/51
7
DC and AC characteristics
This section summarizes the operating measurement conditions and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow are derived from tests performed under the measurement conditions summarized in
Table 4. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Table 4.
Operating and AC measurement conditions
Parameter
Condition
Unit
VCC supply voltage
1.6 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
≤_5ns
Table 5.
DC and AC characteristics
Symbol
Parameter
Test condition(1)
Min.
Typ.(2)
Max.
Unit
VCC
Supply voltage
1.6
5.5
V
ICC
Supply current
VCC = 3.6 V, no load
6
8
µA
Standby mode, enable
deasserted, VCC = 3.6 V
1µA
VTH+
Power-on lockout voltage
(see Table 10 for detailed
listing)
2.40
2.50
2.60
V
3.00
3.10
3.20
3.20
3.30
3.40
3.29
3.40
3.51
3.39
3.50
3.61
VHYST
Threshold hysteresis (see
Table 10 for detailed listing)
200
mV
500
VTH–
Forced power-off voltage
(see Table 10 for detailed
listing)
VTH+ – VHYST
V
tTH–
Undervoltage detection to
INT delay
VCC ≥ 2.0 V20
32
44
ms
tON_BLANK
Blanking period (see
Table 10 for detailed
listing)(3)
1.4
2.2
3.0
s
5.6
8.8
12.0
11.2
17.6
24.0
RST assertion to EN (EN)
assertion delay during
power-up
VCC = 3.6 V
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com