Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8378EVRALDA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8378EVRALDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378EVRALDA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8378EVRALDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8378EVRALDA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
MPC8378E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2
6
Freescale Semiconductor
Electrical Characteristics
1.10
PCI Express® Controller
The PCI Express® controller includes the following features:
PCI Express 1.0a compatible
•Two
×1 links or one ×2 link width
Auto-detection of number of connected lanes
Selectable operation as root complex or endpoint
Both 32- and 64-bit addressing
128-byte maximum payload size
Support for MSI and INTx interrupt messages
Virtual channel 0 only
Selectable Traffic Class
Full 64-bit decode with 32-bit wide windows
Dedicated four channel descriptor-based DMA engine per interface
1.11
Enhanced Secured Digital Host Controller (eSDHC)
The enhanced SD Host Controller (eSDHC) has the following features:
Conforms to SD Host Controller Standard Specification, Rev 2.0 with Test Event register support.
Compatible with the MMC System Specification, Rev 4.0
Compatible with the SD Memory Card Specification, Rev 2.0, and supports High Capacity SD
memory cards
Compatible with the SDIO Card Specification Rev, 1.2
Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD Combo, MMC,
MMCplus, MMC 4x, and RS-MMC cards
SD bus clock frequency up to 50 MHz
Supports 1-/4-bit SD and SDIO modes, 1-/4-bit MMC modes
Supports internal DMA capabilities
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8378E. The device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com