Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC15AFP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC15AFP
Description  ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC15AFP Datasheet(HTML) 3 Page - Motorola, Inc

  MAC15AFP Datasheet HTML 1Page - Motorola, Inc MAC15AFP Datasheet HTML 2Page - Motorola, Inc MAC15AFP Datasheet HTML 3Page - Motorola, Inc MAC15AFP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC15FP Series MAC15AFP Series
3–65
Motorola Thyristor Device Data
Figure 4. Typical Gate Trigger Current
Figure 1. RMS Current Derating
Figure 3. Typical Gate Trigger Voltage
Figure 2. On-State Power Dissipation
Figure 5. Maximum On-State Characteristics
130
120
100
80
90
110
14
0
2
4
6
8
12
10
16
dc
30
°
60
°
90
°
α = CONDUCTION ANGLE
α
α
125
°C
150
° to 180°
TJ = 125°C
α = CONDUCTION ANGLE
α
α
α = 180°
30
°
60
°
90
°
120
°
dc
16
20
8
12
4
0
14
0
2
4
6
8
12
10
16
IT(RMS), RMS ON-STATE CURRENT (AMP)
IT(RMS), RMS ON-STATE CURRENT (AMP)
–60
120
–40
0
–20
20
40
60
80
100
140
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
0.7
0.5
0.3
3
2
1
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
0.7
0.5
0.3
3
2
1
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
1
30
2
3
5
7
10
20
50
70
100
0.1
0.7
0.5
0.3
0.2
TJ = 25°C
125
°C
4
0.4
0.8
1.2
1.6
2
2.4
2.8
3.6
3.2
4.4
vT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
TJ, JUNCTION TEMPERATURE (°C)
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com