Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC15AFP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC15AFP
Description  ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC15AFP Datasheet(HTML) 2 Page - Motorola, Inc

  MAC15AFP Datasheet HTML 1Page - Motorola, Inc MAC15AFP Datasheet HTML 2Page - Motorola, Inc MAC15AFP Datasheet HTML 3Page - Motorola, Inc MAC15AFP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC15FP Series MAC15AFP Series
3–64
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2
°C/W
Thermal Resistance, Case to Sink
R
θCS
2.2 (typ)
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current (Either Direction) TJ = 25°C
(VD = Rated VDRM, TJ = 125°C, Gate Open)
IDRM
—
—
—
—
10
2
µA
mA
Peak On-State Voltage (Either Direction)
(ITM = 21 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p 2%)
VTM
—
1.3
1.6
Volts
Gate Trigger Current (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
IGT
—
—
—
—
—
—
—
—
50
50
50
75
mA
Gate Trigger Voltage (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
(Main Terminal Voltage = Rated VDRM, RL = 10 kΩ, TJ = +110°C)
MT2(+), G(+); MT2(–), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
VGT
—
—
—
—
0.2
0.2
0.9
0.9
1.1
1.4
—
—
2
2
2
2.5
—
—
Volts
Holding Current (Either Direction)
(Main Terminal Voltage = 12 Vdc, Gate Open,
Initiating Current = 200 mA)
IH
—
6
40
mA
Turn-On Time
(VD = Rated VDRM, ITM = 17 A, IGT = 120 mA,
Rise Time = 0.1
µs, Pulse Width = 2 µs)
tgt
—
1.5
—
µs
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 21 A, Commutating di/dt = 7.6 A/ms,
Gate Unenergized, TC = 80°C)
dv/dt(c)
—
5
—
V/
µs
QUADRANT DEFINITIONS
QUADRANT II
QUADRANT I
QUADRANT III
QUADRANT IV
MT2(+)
MT2(–)
MT2(+), G(–)
MT2(+), G(+)
MT2(–), G(–)
MT2(–), G(+)
G(–)
G(+)
Trigger devices are recommended for gating on Triacs. They provide:
1. Consistent predictable turn-on points.
2. Simplified circuitry.
3. Fast turn-on time for cooler, more efficient and reliable operation.
ELECTRICAL CHARACTERISTICS of RECOMMENDED
BIDIRECTIONAL SWITCHES
Usage
General
Part Number
MBS4991
MBS4992
VS
6–10 V
7.5–9 V
IS
350
µA Max
120
µA Max
VS1–VS2
0.5 V Max
0.2 V Max
Temperature
Coefficient
0.02%/
°C Typ
1. Ratings apply for open gate conditions. Thyristor devices shall not be tested with a constant current source for blocking capability such that the
voltage applied exceeds the rated blocking voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com