Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC15AFP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC15AFP
Description  ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC15AFP Datasheet(HTML) 1 Page - Motorola, Inc

  MAC15AFP Datasheet HTML 1Page - Motorola, Inc MAC15AFP Datasheet HTML 2Page - Motorola, Inc MAC15AFP Datasheet HTML 3Page - Motorola, Inc MAC15AFP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3–63
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as solid-state relays,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Blocking Voltage to 800 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Gate Triggering Guaranteed in Three Modes (MAC15FP Series) or Four Modes
(MAC15AFP Series)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Repetitive Peak Off-State Voltage(1) (TJ = –40 to +125°C,
1/2 Sine Wave 50 to 60 Hz, Gate Open)
MAC15-4FP, MAC15A4FP
MAC15-6FP, MAC15A6FP
MAC15-8FP, MAC15A8FP
MAC15-10FP, MAC15A10FP
VDRM
200
400
600
800
Volts
On-State RMS Current (TC = +80°C)(2)
Full Cycle Sine Wave 50 to 60 Hz (TC = +95°C)
IT(RMS)
15
12
Amps
Peak Nonrepetitive Surge Current (One Full Cycle, 60 Hz, TC = +80°C)
preceded and followed by rated current
ITSM
150
Amps
Peak Gate Power (TC = +80°C, Pulse Width = 2 µs)
PGM
20
Watts
Average Gate Power (TC = +80°C, t = 8.3 ms)
PG(AV)
0.5
Watt
Peak Gate Current
IGM
2
Amps
Peak Gate Voltage
VGM
10
Volts
RMS Isolation Voltage (TA = 25°C, Relative Humidity p 20%)
V(ISO)
1500
Volts
Operating Junction Temperature
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
2. The case temperature reference point for all TC measurements is a point on the center lead of the package as close as possible to the plastic
body.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC15FP
Series
MAC15AFP
Series
CASE 221C-02
STYLE 3
ISOLATED TRIACs
THYRISTORS
15 AMPERES RMS
200 thru 800 VOLTS
MT1
G
MT2


Similar Part No. - MAC15AFP

ManufacturerPart #DatasheetDescription
logo
GE Solid State
MAC15A GESS-MAC15A Datasheet
149Kb / 4P
15-A Silicon Triacs
MAC15A-10 GESS-MAC15A-10 Datasheet
149Kb / 4P
15-A Silicon Triacs
logo
Digitron Semiconductors
MAC15A-10 DIGITRON-MAC15A-10 Datasheet
215Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
logo
GE Solid State
MAC15A-4 GESS-MAC15A-4 Datasheet
149Kb / 4P
15-A Silicon Triacs
logo
Digitron Semiconductors
MAC15A-4 DIGITRON-MAC15A-4 Datasheet
215Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC15AFP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
T2500FP MOTOROLA-T2500FP Datasheet
83Kb / 4P
ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC210FP NJSEMI-MAC210FP Datasheet
133Kb / 2P
ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com