Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBRX Datasheet(PDF) 2 Page - Linear Technology

Part # LBRX
Description  White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBRX Datasheet(HTML) 2 Page - Linear Technology

  LBRX Datasheet HTML 1Page - Linear Technology LBRX Datasheet HTML 2Page - Linear Technology LBRX Datasheet HTML 3Page - Linear Technology LBRX Datasheet HTML 4Page - Linear Technology LBRX Datasheet HTML 5Page - Linear Technology LBRX Datasheet HTML 6Page - Linear Technology LBRX Datasheet HTML 7Page - Linear Technology LBRX Datasheet HTML 8Page - Linear Technology LBRX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT3466-1
34661f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.7
V
Maximum Operating Voltage
22
V
FB1 Voltage
●
192
200
208
mV
FB2 Voltage
●
788
800
812
mV
FB1 Pin Bias Current
VFB1 = 0.2V (Note 3)
10
50
nA
FB2 Pin Bias Current
VFB2 = 0.8V (Note 3)
10
50
nA
Quiescent Current
VFB1 = VFB2 = 1V
5
7.5
mA
CTRL1 = CTRL2 = 0V
16
25
µA
Switching Frequency
RT = 48.7k
0.75
1
1.25
MHz
Oscillator Frequency Range
(Note 4)
200
2000
kHz
Nominal RT Pin Voltage
RT = 48.7k
0.54
V
Maximum Duty Cycle
RT = 48.7k
●
90
96
%
RT = 20.5k
92
%
RT = 267k
99
%
Converter 1 Current Limit
●
310
400
mA
Converter 2 Current Limit
●
310
400
mA
Converter 1 VCESAT
ISW1 = 300mA
320
mV
Converter 2 VCESAT
ISW2 = 300mA
320
mV
Switch 1 Leakage Current
VSW1 = 10V
0.01
5
µA
Switch 2 Leakage Current
VSW2 = 10V
0.01
5
µA
CTRL1 Voltage for Full LED Current
●
1.8
V
CTRL2 Voltage for Full Feedback Voltage
●
1V
CTRL1 or CTRL2 Voltage to Turn On the IC
150
mV
CTRL1 and CTRL2 Voltages to Shut Down Chip
70
mV
CTRL1 Pin Bias Current
VCTRL1 = 1V
●
6
9
12.5
µA
CTRL2 Pin Bias Current
VCTRL2 = 1V (Note 3)
●
10
120
nA
(Note 1)
Input Voltage (VIN) ................................................... 24V
SW1, SW2 Voltages ................................................ 44V
VOUT1, VOUT2 Voltages ............................................. 44V
CTRL1, CTRL2 Voltages ........................................... 24V
FB1, FB2 Voltages ...................................................... 2V
Operating Temperature Range (Note 2) ... –40
°C to 85°C
Storage Temperature Range .................. –65
°C to 125°C
Junction Temperature .......................................... 125
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
ORDER PART
NUMBER
DD PART MARKING
LBRX
LT3466EDD-1
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, unless otherwise specified.
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
FB1
CTRL1
RT
CTRL2
FB2
VOUT1
SW1
VIN
SW2
VOUT2
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com