Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBRX Datasheet(PDF) 14 Page - Linear Technology

Part # LBRX
Description  White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBRX Datasheet(HTML) 14 Page - Linear Technology

Back Button LBRX Datasheet HTML 10Page - Linear Technology LBRX Datasheet HTML 11Page - Linear Technology LBRX Datasheet HTML 12Page - Linear Technology LBRX Datasheet HTML 13Page - Linear Technology LBRX Datasheet HTML 14Page - Linear Technology LBRX Datasheet HTML 15Page - Linear Technology LBRX Datasheet HTML 16Page - Linear Technology LBRX Datasheet HTML 17Page - Linear Technology LBRX Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT3466-1
34661f
1
2
3
4
5
10
9
8
7
6
COUT1
RFB1
RT
CTRL1
CTRL2
34661 F10
R2
R1
COUT2
CIN
VIN
GND
GND
L1
L2
11
Figure 11. Recommended Component Placement
APPLICATIO S I FOR ATIO
The VCE(SAT) and VBE(SAT) values for the transistor Q1 can
be obtained from the Philips BC807 data sheet:
R
VV
mA
BASE =
+
1650 1 0 9
075
–. – .
.
RBASE = 13.6k
Picking the closest 1% resistor value yields:
RBASE = 14k
BOARD LAYOUT CONSIDERATION
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essen-
tial. Minimize the length and area of all traces connected to
the switching node pins (SW1 and SW2). Keep the feed-
back pins (FB1 and FB2) away from the switching nodes.
The DFN package has an exposed paddle that must be
connected to the system ground. The ground connection
for the feedback resistors should be tied directly to the
ground plane and not shared with any other component,
except the RT resistor, ensuring a clean, noise-free con-
nection. Recommended component placement is shown
in the Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com