Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBRX Datasheet (PDF) - Linear Technology

LBRX Datasheet PDF - Linear Technology
Part # LBRX
Download  LBRX Download
File Size   409.3 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description White LED Driver and Boost Converter in 3mm3mm DFN Package

LBRX Datasheet (PDF)

Go To PDF Page Download Datasheet
LBRX Datasheet PDF - Linear Technology

Part # LBRX
Download  LBRX Click to download

File Size   409.3 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description White LED Driver and Boost Converter in 3mm3mm DFN Package

LBRX Datasheet (HTML) - Linear Technology




Similar Part No. - LBRX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBR-123 ETC-LBR-123 Datasheet
194Kb / 4P
Reflective Object Sensor
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
logo
LETEX TECHNOLOGY CORP.
LBR-123 LETEX-LBR-123 Datasheet
359Kb / 3P
Reflective Object Sensor
LBR-123F LETEX-LBR-123F Datasheet
223Kb / 2P
Reflective Object Sensor
logo
List of Unclassifed Man...
LBR-123S ETC-LBR-123S Datasheet
194Kb / 4P
Reflective Object Sensor
More results


Similar Description - LBRX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
White LED Driver and Boost Converter in 3mm 3mm DFN Package
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com