Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4792 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4792
Description  200mA/250mA/300mA Current-Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4792 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4792 Datasheet HTML 1Page - Maxim Integrated Products MAX4792 Datasheet HTML 2Page - Maxim Integrated Products MAX4792 Datasheet HTML 3Page - Maxim Integrated Products MAX4792 Datasheet HTML 4Page - Maxim Integrated Products MAX4792 Datasheet HTML 5Page - Maxim Integrated Products MAX4792 Datasheet HTML 6Page - Maxim Integrated Products MAX4792 Datasheet HTML 7Page - Maxim Integrated Products MAX4792 Datasheet HTML 8Page - Maxim Integrated Products MAX4792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
200mA/250mA/300mA Current-Limit Switches
_______________________________________________________________________________________
5
Pin Description
SWITCH TURN-ON TIME RESPONSE
MAX4789 toc14
100
μs/div
VON
1V/div
IOUT
10mA/div
CURRENT-LIMIT RESPONSE
(OUT SHORTED TO GND)
MAX4789 toc13
40
μs/div
VIN
2V/div
VOUT
2V/div
IOUT
5A/div
CIN = 1
μF
COUT = 1
μF
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
PIN
TDFN-EP
MAX4789
MAX4791
MAX4793
TDFN-EP
MAX4790
MAX4792
MAX4794
5-SOT23
MAX4789
MAX4791
MAX4793
4-SOT143
MAX4789–
MAX4794
NAME
FUNCTION
1—
4
—
FLAG
Fault Output. This open-drain output goes low when the device stays in
forward or reverse current limit for more than the blanking time period.
FLAG is high impedance when a fault is not present or when ON is low.
22
22
GND
Ground
3
3
3
3
ON
Active-High Switch On Input. A logic high turns the switch on.
4
1, 4
—
—
N.C.
No Connection. Not internally connected.
5
5
1
4
IN
Input. Bypass IN with a 0.1µF ceramic capacitor to ground.
6
6
5
1
OUT
Switch Output. Bypass OUT with a 0.1µF ceramic capacitor to ground.
——
EP
Exposed paddle. Connect EP to a large ground plane to maximize
thermal performance. EP is not intended as an electrical connection
point. (TDFN Package only.)
FLAG-BLANKING RESPONSE
MAX4789 toc16
4ms/div
FLAG
2V/div
IOUT
100mA/div
VIN
2V/div
VON
2V/div
SWITCH TURN-OFF TIME RESPONSE
MAX4789 toc15
200ns/div
VON
2V/div
IOUT
10mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com