Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4792 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4792
Description  200mA/250mA/300mA Current-Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4792 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4792 Datasheet HTML 1Page - Maxim Integrated Products MAX4792 Datasheet HTML 2Page - Maxim Integrated Products MAX4792 Datasheet HTML 3Page - Maxim Integrated Products MAX4792 Datasheet HTML 4Page - Maxim Integrated Products MAX4792 Datasheet HTML 5Page - Maxim Integrated Products MAX4792 Datasheet HTML 6Page - Maxim Integrated Products MAX4792 Datasheet HTML 7Page - Maxim Integrated Products MAX4792 Datasheet HTML 8Page - Maxim Integrated Products MAX4792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
200mA/250mA/300mA Current-Limit Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 2.3V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON,
FLAG, OUT to GND .....................................-0.3V to +6V
OUT Short Circuit to GND .................................Internally Limited
Continuous Power Dissipation (TA = +70°C)
4-Pin SOT143 (derate 4.0mW/°C above +70°C)..........320mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin TDFN (derate 24.4mW/°C above +70°C).........1951.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
VIN
2.3
5.5
V
VIN = +2.3V to +5.0V
80
120
Quiescent Current
IQ
VON = VIN, IOUT = 0,
switch on
VIN = +5.0V to +5.5V
160
µA
Latch-Off Current (Note 2)
ILATCH
VON = VIN, after an overcurrent fault
(MAX4789/MAX4791/MAX4793)
815
µA
Shutdown Current
ISHDN
VON = 0V
0.01
1µA
MAX4789/MAX4790
200
300
MAX4791/MAX4792
250
375
Forward Current Limit
MAX4793/MAX4794
300
450
mA
MAX4789/MAX4790
300
MAX4791/MAX4792
375
Reverse Current Limit
MAX4793/MAX4794
450
mA
Shutdown Reverse Leakage
VON = 0, VIN = 3V, VOUT = 5V
100
µA
ON Input Leakage
VON = VIN or GND
-1
+1
µA
Off Switch Leakage
VON = 0V, VOUT = 0V
0.01
1µA
Undervoltage Lockout
UVLO
Rising edge
1.8
2.2
V
Undervoltage Lockout Hysteresis
100
mV
TA = +25°C, IOUT = 100mA
0.2
0.4
On-Resistance
RON
TA = -40°C to +85°C, IOUT = 100mA
0.5
Ω
ON Input Logic High Voltage
VIH
2.0
V
ON Input Logic Low Voltage
VIL
0.8
V
FLAG Output Logic Low Voltage
ISINK = 1mA (MAX4789/MAX4791/MAX4793)
0.4
V
FLAG Output High Leakage
Current
VIN = V FLAG = 5.5V
(MAX4789/MAX4791/MAX4793)
1µA
Thermal Shutdown
150
°C
Thermal-Shutdown Hysteresis
15
°C
DYNAMIC
Turn-On Time (Note 3)
VON from low to high; IOUT = 10mA,
CL = 0.1µF
100
µs
Turn-Off Time (Note 3)
VON from high to low; IOUT = 10mA,
CL = 0.1µF
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com