Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4792 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4792
Description  200mA/250mA/300mA Current-Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4792 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4792 Datasheet HTML 1Page - Maxim Integrated Products MAX4792 Datasheet HTML 2Page - Maxim Integrated Products MAX4792 Datasheet HTML 3Page - Maxim Integrated Products MAX4792 Datasheet HTML 4Page - Maxim Integrated Products MAX4792 Datasheet HTML 5Page - Maxim Integrated Products MAX4792 Datasheet HTML 6Page - Maxim Integrated Products MAX4792 Datasheet HTML 7Page - Maxim Integrated Products MAX4792 Datasheet HTML 8Page - Maxim Integrated Products MAX4792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
200mA/250mA/300mA Current-Limit Switches
4
_______________________________________________________________________________________
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
-40
85
VIN = 5V
OUTPUT CURRENT
vs. OUTPUT VOLTAGE
VIN - VOUT (V)
3.0
2.7
2.1 2.4
0.6 0.9 1.2 1.5 1.8
0.3
50
100
150
200
250
300
350
400
450
500
0
0
3.3
MAX4793/MAX4794
MAX4789/MAX4790
MAX4791/MAX4792
SWITCH TURN-ON/OFF TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.01
0.1
1
10
100
1000
0.001
-40
85
ILOAD = 10mA
OFF
ON
VIN = 3.3V
VIN = 5V
FLAG-BLANKING TIMEOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
25
30
35
40
45
50
20
-40
85
CURRENT-LIMIT RESPONSE
MAX4789 toc11
40
μs/div
VIN
2V/div
VON
2V/div
IOUT
100mA/div
VIN = 3.3V
CIN = 1
μF
COUT = 1
μF
CURRENT-LIMIT RESPONSE
MAX4789 toc12
20
μs/div
VIN = VON
1V/div
IOUT
100mA/div
VIN = VON
CIN = 1
μF
COUT = 1
μF
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com