Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3101DAB310 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM3101DAB310
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101DAB310 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM3101DAB310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Audio Precision
-140
+0
-120
-100
-80
-60
-40
-20
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Typical Performance Characteristics
11
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
13. PSRR vs V-dropout@Vout=3.28V
14. Noise
PSRR with bypass,
cap=10nF
PSRR without
bypass cap
-60
-50
-40
-30
-20
-10
0
20
40
60
80
100
120
140
160
180
200
220
V-dropout (mV)
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com