Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3101DAB310 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3101DAB310
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101DAB310 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3101DAB310 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage...............................................6.6V
Output Current
300mA
Output Pin Voltage
GND-0.3V to V +0.3V
Lead Soldering Temperature (5sec).......
300
Storage Temperature
65
to 150
ESD Rating
Class B
.........................................
............
....
.................-
............................................
IN
°
°°
C
CC
Recommended Operating Conditions
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
Junction Temperature.................-40
to 125
°°
CC
Ambient Temperature....................-40 C to 85 C
°°
Thermal Information
4
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Package
Maximum
Unit
SOT-23
130
SOT-89
100
Thermal Resistance (Junction to Case)
θJC
SC70
TBD
°C/W
SOT-23
250
SOT-89
180
Thermal Resistance (Junction to Ambient)
θJA
SC70
300
°C/W
SOT-23
400
SOT-89
550
Internal Power Dissipation
PD
SC70
300
mW
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com