Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3101DAB310 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3101DAB310
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101DAB310 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3101DAB310 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101DAB310 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristic
V
V +1V, T
25
C
1 F, C
2.2 F, unless otherwise noted
IN
O
A
IN
O
==
=
=
μμ
°,
C
5
Note1: The minimum input voltage (
) of the PAM3101 is determined by output voltage and dropout
voltage.
:
V=V +V
Note 2: Output current is limited by P , maximum I =P /(
-V ).
V
The minimum input voltage is defined as
V
IN(MIN)
IN(MAX)
IN(MIN)
O
drop
DO
D
O
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PARAMETER
SYMBOL Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage
VIN
Note 1
5.5
V
Output Voltage Accuracy
Vo
Io=1mA
-2
2
%
Output Current
IO
300
Note 2
mA
Vo=1.5V
1150
1400
Vo=1.8V
850
1100
2.5V
£Vo<3.3V
370
450
Dropout Voltage
Vdrop
Io =300mA
Vo
³3.3V
180
230
mV
Ground Current
IGND
Io=1mA to 300mA
70
90
μA
Quiescent Current
IQ
Io=0mA
65
90
μA
Io=1mA, Vo<2V,
VIN = 2.8V to 3.8V
-0.15
0.1
0.15
Io=1mA, 2V
£Vo<3.3V,
VIN = Vo+0.5V to Vo+1V
-0.1
0.03
0.1
Line Regulation
LNR
Io=1mA, Vo
³3.3V,
VIN=Vo+0.5V to Vo+1V
-0.4
0.2
0.4
%/V
Io=1mA to 300mA, Vo
³2V
-2
1
2
%
Load Regulation
LDR
Io=1mA to 300mA, Vo<2V
30
60
mV
Temperature Coefficient
Tc
Io=1mA
40
ppm/
OC
Over Temperature Shutdown
OTS
Io=1mA
150
OC
Over Temperature Hysteresis
OTH
Io=1mA
30
OC
f=100Hz
70
Power Supply Ripple Rejection
PSRR
Io=100mA
C
BYP=10nF
Vo=3.3V
f=1kHz
65
dB
Output Noise
Vn
f =10Hz to 100kHz, CBYP=10nF
50
μVrms
EN Input High Threshold
VIH
VIN=2.5V to 5V
1.5
V
EN Input Low Threshold
VIL
VIN=2.5V to 5V
0.3
V
Shutdown Current
ISD
VEN=0V
0.01
1
μA
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com