Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF19085LSR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF19085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19085LSR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF19085LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF19085LR3 MRF19085LSR3
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 μAdc)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics (DC)
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 200 μAdc)
VGS(th)
2
—
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 850 mAdc)
VGS(Q)
2.5
3.5
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
—
0.18
0.210
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 2 Adc)
gfs
—
6
—
S
Dynamic Characteristics
Reverse Transfer Capacitance (1)
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Crss
—
3.6
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) 2-Carrier N-CDMA, 1.2288 MHz Channel Bandwidth Carriers.
Peak/Avg. = 9.8 dB @ 0.01% Probability on CCDF.
Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 18 W Avg., IDQ = 850 mA, f1 = 1930 MHz,
f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 =1990 MHz)
Gps
12
13
—
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 18 W Avg., IDQ = 850 mA, f1 = 1930 MHz,
f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 =1990 MHz)
η
21
23
—
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 18 W Avg., IDQ = 850 mA, f1 = 1930 MHz,
f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 =1990 MHz); IM3 measured
over 1.2288 MHz bandwidth @ f1 -2.5 MHz and f2 = +2.5 MHz)
IMD
—
-36.5
-35
dBc
Adjacent Channel Power Ratio
(VDD = 26 Vdc, Pout = 18 W Avg., IDQ = 850 mA, f1 = 1930 MHz,
f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 =1990 MHz); ACPR
measured over 30 kHz bandwidth @ f1 -885 MHz and f2 =+885 MHz)
ACPR
—
-51
-48
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 18 W Avg., IDQ = 850 mA, f1 = 1930 MHz,
f2 = 1932.5 MHz and f1 = 1987.5 MHz, f2 =1990 MHz)
IRL
—
-12
-9
dB
1. Part is internally matched both on input and output.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com