Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF19085LSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF19085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19085LSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF19085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF19085LR3 MRF19085LSR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
33
34
35
36
37
38
39
−32
−31
−30
−29
−28
−27
−26
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
VDD, DRAIN SUPPLY (V)
Figure 9. Two-Tone Intermodulation Distortion and
Drain Efficiency versus Drain Supply
η
IDQ = 850 mA
f = 1960 MHz
100 kHz Tone Spacing
IMD
Pout, OUTPUT POWER (WATTS)
11.5
12.0
12.5
13.0
13.5
14.0
10
100
4
Figure 10. Two-Tone Power Gain versus Output
Power
Figure 11. Two-Tone Broadband Performance
10
15
20
25
30
35
40
−35
−30
−25
−20
−15
−10
−5
1920
1930
1940
1950
1960
1970
1980
1990
2000
VDD = 26 Vdc
f = 1960 MHz
100 kHz Tone Spacing
IDQ = 1150 mA
1000 mA
850 mA
700 mA
550 mA
η
IMD
f, FREQUENCY (MHz)
IRL
Gps
VDD = 26 Vdc
Pout = 90 W (PEP)
IDQ = 850 mA
100 kHz Tone Spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com