Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF19085LSR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF19085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19085LSR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF19085LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF19085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF19085LR3 MRF19085LSR3
Figure 1. 1930 - 1990 MHz 2-Carrier N-CDMA Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VBIAS
C1
C6
L1
DUT
VSUPPLY
Z3
C8
Z8
Z7
C5
C7
Z5
Z6
R3
C4
Z4
+
C9
C3
C2
Z9
C10
C11
C12
++
+
B1
R1
R2
Table 5. 1930 - 1990 MHz 2-Carrier N-CDMA Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Short Ferrite Bead
2743019447
Fair Rite
C1
51 pF Chip Capacitor
100B510JCA500X
ATC
C2, C7
5.1 pF Chip Capacitors
100B5R1JCA500X
ATC
C3, C9
1000 pF Chip Capacitors
100B102JCA500X
ATC
C4, C10
0.1 μF Chip Capacitors
CDR33BX104AKWS
Kemet
C5
0.1 μF Tantalum Surface Mount Capacitor
T491C105M050
Kemet
C6
10 pF Chip Capacitor
100B100JCA500X
ATC
C8
10 μF Tantalum Surface Mount Capacitor
T495X106K035AS4394
Kemet
C11, C12
22 μF Tantalum Surface Mount Capacitors
T491X226K035AS4394
Kemet
L1
1 Turn, 20 AWG, 0.100″ ID
N1, N2
Type N Flange Mounts
3052-1648-10
Omni Spectra
R1
1.0 kΩ, 1/8 W Chip Resistor
R2
220 kΩ, 1/8 W Chip Resistor
R3
10 Ω, 1/8 W Chip Resistor
Z1
Microstrip
0.750″ x 0.0840″
Z2
Microstrip
1.090″ x 0.0840″
Z3
Microstrip
0.400″ x 1.400″
Z4
Microstrip
0.520″ x 0.050″
Z5
Microstrip
0.540″ x 1.133″
Z6
Microstrip
0.400″ x 0.140″
Z7
Microstrip
0.555″ x 0.0840″
Z8
Microstrip
0.720″ x 0.0840″
Z9
Microstrip
0.560″ x 0.070″
Board
0.030″ Glass Teflon®
GX-0300-55-22, εr = 2.55
Keene
PCB
Etched Circuit Boards
MRF19085 Rev. 4
CMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com