Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE3800 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 119Page - STMicroelectronics ADE3800 Datasheet HTML 120Page - STMicroelectronics ADE3800 Datasheet HTML 121Page - STMicroelectronics ADE3800 Datasheet HTML 122Page - STMicroelectronics ADE3800 Datasheet HTML 123Page - STMicroelectronics ADE3800 Datasheet HTML 124Page - STMicroelectronics ADE3800 Datasheet HTML 125Page - STMicroelectronics ADE3800 Datasheet HTML 126Page - STMicroelectronics ADE3800 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
123/138
ADE3800
Register Description by Block
They are all LSB aligned, except for OMUX which is MSB aligned.
When the RAM width is not a multiple of 8, zeros will be returned for the non-meaningful bits.
Example of LSB aligned RAM
If addresses 9000-9005 are written with the values F0-F5, the contents of SCL_RAM_1 (at word
address 0) are as follows:
A read from address 9000 will return F0; a read from address 9001 will return F1, etc.
Note:
A read from 9005 returns the value 01 (as opposed to F5) since there are only 2 meaningful bits of
data at this address.
Example of MSB aligned RAM (OMUX only)
If addresses E300-E305 are written with the values F0-F5 respectively, the contents of the OMUX
RAM (at word address 0) are as follows:
A read from address E300 will return F0, a read from address E301 will return F1, and so on.
32-bit values
24-bit values
16-bit values
_0
LSB _L or _0
LSB _L
LSB
_1
_M or _1
MSB _U
USB
_2
_U or _2
USB
_3
USB
[41:40]
[39:32]
[31:24]
[23:16]
[15:8]
[7:0]
01
F4
F3
F2
F1
F0
[47:40]
[39:32]
[31:24]
[23:16]
[15:8]
[7:0]
F0
F1
F2
F3
F4
F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com