Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE3800 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 90Page - STMicroelectronics ADE3800 Datasheet HTML 91Page - STMicroelectronics ADE3800 Datasheet HTML 92Page - STMicroelectronics ADE3800 Datasheet HTML 93Page - STMicroelectronics ADE3800 Datasheet HTML 94Page - STMicroelectronics ADE3800 Datasheet HTML 95Page - STMicroelectronics ADE3800 Datasheet HTML 96Page - STMicroelectronics ADE3800 Datasheet HTML 97Page - STMicroelectronics ADE3800 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
Register Description by Block
ADE3800
94/138
4.17 Output Mux (OMUX)
The OMUX block formats the 1 ppc 24bpp data stream from the data path into a single or 2 ppc pixel
stream for the flat panel using RSDS or LVDS signaling at the pins.
Table 33: OMUX Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Rst
Description
OMUX_CTRL0
0C30
R/W
[7:4]
00
RGB data channel reordering:
0: no changes on RGB data
2: Right shift 2 bits
A: Right rotate 2 bits
C: Right rotate 4 bits
E: Right rotate 6 bits
All other values: reserved
R/W
[3]
1: flip MSB to LSB per color (8 bits)
R/W
[2]
1: swap R and B data
R/W
[1]
0*:
- in 1ppc, A channel active
- in 2ppc, Left on A, Right on B
1:
- in 1ppc, B channel active
- in 2ppc, Left on B, Right on A
R/W
[0]
0*: 1 ppc
1: 2 ppc
Forced to 1 ppc in LVDS debug or
RSDS mode (refer to OMUX_TEST
register)
OMUX_CTRL1
0C31
R/W
[7]
00
LVDS reserved bit
0*: previous bit
1: TCON[7]
R/W
[6]
1: LVDS channel 0 to channel 3 flip and
channel 4 to channel 7 flip
R/W
[0]
1: LVDS outputs active (see Table 34)
OMUX_CTRL2
0C32
R/W
[7]
00
1: invert LVDS channel 7
R/W
[6]
1: invert LVDS channel 6
R/W
[5]
1: invert LVDS channel 5
R/W
[4]
1: invert LVDS channel 4
R/W
[3]
1: invert LVDS channel 3
R/W
[2]
1: invert LVDS channel 2
R/W
[1]
1: invert LVDS channel 1
R/W
[0]
1: invert LVDSchannel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com