Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE3800 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 56Page - STMicroelectronics ADE3800 Datasheet HTML 57Page - STMicroelectronics ADE3800 Datasheet HTML 58Page - STMicroelectronics ADE3800 Datasheet HTML 59Page - STMicroelectronics ADE3800 Datasheet HTML 60Page - STMicroelectronics ADE3800 Datasheet HTML 61Page - STMicroelectronics ADE3800 Datasheet HTML 62Page - STMicroelectronics ADE3800 Datasheet HTML 63Page - STMicroelectronics ADE3800 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 138 page
background image
Register Description by Block
ADE3800
60/138
4.11.2 Color Mask Sequencer
4.11.2.1 Bars and Groups
A bar is the basic graphic element of the PGEN. A bar group is based on two independently
programmable 24 bit RGB colors named C0 and C1 and programmed into:
For C0: PGEN_P0_COLOR _R_C0, PGEN_P0_COLOR _G_C0, PGEN_P0_COLOR _B_C0
For C1: PGEN_P0_COLOR _R_C1, PGEN_P0_COLOR _G_C1, PGEN_P0_COLOR _B_C1
Each color C0 and C1 is assigned to 1 to 8 consecutive bars. The number of bars minus 1 is
programmable in PGEN_P0_MODE, bits [7:5] for C0 and [4:2] for C1:
4.11.2.2 Bar Width, Height and Offset Control
Bar’s height and width are programmable, respectively in PGEN_P0_WDTH and PGEN_P0_HGHT
(16-bit wide).The actual number of displayed bars depends on the bar width, height and the panel
resolution. The bars are numbered in incremental fashion from left to right, top to bottom.
If the combined size of all bars in a group is smaller than the display area, each of the C0 and C1
bar groups is replicated across the display, as long as the bars still fit in the display area:
The height and width of a bar can range anywhere from 1 pixel (checkerboard) to full screen.
Additionally, an offset in both directions can be programmed respectively in registers
PGEN_P0_WDTH_X_OFFSET and PGEN_P0_HGHT_Y_OFFSET. It shifts the top left corner (1st
bar of C0 group) off the display area.
Note:
The offset value, for each direction, must be less than the corresponding bar size.
4.11.2.3 Color Masks
Each bar can filter any R G B component of its assigned C0 or C1 color, by means of 3 mask bits
per bar in registers PGEN_P0_SEQ_COL0_COL1 (bars 0 & 1) thru PGEN_P0_SEQ_COL6_COL7
(bars 6 & 7). The color is “ANDed” with the mask:
if either R G B bit is reset, the corresponding colour component is blocked
if set, the colour component is not blocked
Example:
PGEN_COLOR_C0_B = PGEN_COLOR _C0_G = PGEN_COLOR _C0_R = FF sets C0 to white
PGEN_P0_MODE is set to AC:
Number of bars in C0 = PGEN_P0_MODE[7:5] +1 = 6 (bars 0 to 5)
Bar group
Bar 0
Bar 1
Bar 2
Bar 3
Bar 4
Bar 5
Bar 6
Bar 7
One group per colour
C0 and C1
Up to 8 bars per colour
part of bars
off screen:
DISPLAY
not entirely
AREA
Bar 0 Bar 1 Bar 2 Bar 3 Bar 4 Bar 5 Bar 0 Bar 1 Bar 2 Bar 3
C0
C0
C0
C0
C0
C0
C1
C1
C1
C1
displayed
Bar 1 Bar 2 Bar 3 Bar 4 Bar 5 Bar 0 Bar 1 Bar 2 Bar 3 Bar 0
C0
C0
C0
C0
C0
C1
C1
C1
C1
C0
Bar 2 Bar 3 Bar 4 Bar 5 Bar 0 Bar 1 Bar 2 Bar 3 Bar 0
C0
C0
C0
C0
C1
C1
C1
C1
C0
Bar 1
C0
bar
C0
bar
C1
next
bar
in
C0
group
last bar in C0:
proceed to 1st bar in C1
6
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com