Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST75C540 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 57Page - STMicroelectronics ST75C540 Datasheet HTML 58Page - STMicroelectronics ST75C540 Datasheet HTML 59Page - STMicroelectronics ST75C540 Datasheet HTML 60Page - STMicroelectronics ST75C540 Datasheet HTML 61Page - STMicroelectronics ST75C540 Datasheet HTML 62Page - STMicroelectronics ST75C540 Datasheet HTML 63Page - STMicroelectronics ST75C540 Datasheet HTML 64Page - STMicroelectronics ST75C540 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
X.3 - Receive Buffers
Symetrically two identical buffers are provided to
ex c hange
r eceiv e
da t a
b et ween
t h e
ST75C530/540 and the host processor. While the
ST75C530/540 is filling one of the buffers with the
receive bits, the host processor is reading the other
buffer. As soon as the host has emptied a buffer it
frees it by writing 0 in the buffer status byte.
The DUAL Ram area associated with the receive
buffers is as following table.
Name
Address
Description
DTRBS0
$1C
Buffer 0 Status Byte
DTRBS0 [0]
$1D
Buffer 0 Data Byte 0
DTRBS0 [1]
$1E
Buffer 0 Data Byte 1
DTRBS0 [2]
$1F
Buffer 0 Data Byte 2
DTRBS0 [3]
$20
Buffer 0 Data Byte 3
DTRBS0 [4]
$21
Buffer 0 Data Byte 4
DTRBS0 [5]
$22
Buffer 0 Data Byte 5
DTRBS0 [6]
$23
Buffer 0 Data Byte 6
DTRBS0 [7]
$24
Buffer 0 Data Byte 7
DTRBS1
$25
Buffer 1 Status Byte
DTRBS1 [0]
$26
Buffer 1 Data Byte 0
DTRBS1 [1]
$27
Buffer 1 Data Byte 1
DTRBS1 [2]
$28
Buffer 1 Data Byte 2
DTRBS1 [3]
$29
Buffer 1 Data Byte 3
DTRBS1 [4]
$2A
Buffer 1 Data Byte 4
DTRBS1 [5]
$2B
Buffer 1 Data Byte 5
DTRBS1 [6]
$2C
Buffer 1 Data Byte 6
DTRBS1 [7]
$2D
Buffer 1 Data Byte 7
The Bit 0 (LSB) of the Buffer 0 Data Byte 0 is the
first received bit in time (the oldest).
According to the Data Format, the Status byte of a
buffer has different meaning. However a value of 0
signals to the ST75C530/540that a buffer is empty.
This value is set by the Host each time it has
emptied the buffer. After having used one buffer,
the host must select the other buffer for the next
operation. The Host must start with the Buffer 0 as
soon as the STA_109 signal goes.
A mechanism of interruption (IT3 for Receive) is
associated with the Data Buffer managment. Each
time a buffer is filled by the ST75C530/540 it gen-
erates an interrupt.
X.4 - Interruption
Two Interrupt signals are provided in order to syn-
chronize the Data Buffer Exchanges.
IT2 is asso-
ciated with the Transmit Buffer mechanism and IT3
with the Receive Buffer mechanism.
In order to enable these interrupts, the Host proc-
essor must set the bit 2 (for
IT2) and the bit 3 (for
IT3) of the ITMASK Register to 1. It must also set
the Bit 7 of the
ITMASK register to 1 in order to
globally enable all the selected sources of interrup-
tion.
When an Interrupt occurs (low level on SINTR pin)
the user must read the
ITSRCR Register to deter-
mine the source of the interrupt, either IT2 for Tx (if
the bit 2 is 1) or
IT3 for Rx (if the bit 3 is 1).
Once the Interrupt has been serviced, the host
must acknowledge it by writing a $00 value into the
register ITRES2 for IT2,or
ITRES3 for IT3.
These registers have the following address :
Name
Address
Type
Description
ITRES2
$42
Write only
Clear IT2
ITRES3
$43
Write only
Clear IT3
ITMASK
$4F
Read/Write
Interrupt Mask
ITSRCR
$50
Read Only
Interrupt Source
Notes : 1. The ST75C530/540 does not check that the interrupt has
been acknowledged.
2. Even if the Host does not use the interruption, the
ST75C530/540 will set the bit 2 (for IT2) and/or bit 3 (for
I
T3) of the ITSRCR.
3. The ST75C530/540 uses only the Data Buffer Status
Bytes to detect Overrun or Underrun Error. These errors
are reported into the SYSERR byte, and could generate
an interrupt I
T0.
The equivalent schematic is : see Figure 21.
The interrupt mechanism assumes that the Host
processor uses a Level sensitive interrupt (active
low). The Flow chart of the Host interrupt service
routine looks generaly like Figure 22.
X.5 - Data Format
Different Formats of Data can be Transmitted/Re-
ceived to/from the Telephone Line.
These Formats can be selected when entering the
Data Mode by using the
FORM command.
The Format of the Data can be changed,on the fly
in the Data Mode during the same communication,
by sendinga differentFORM commandat any time.
Note that for Full Duplex operation the Data For-
mat is the same for the transmitter and the re-
ceiver.
X - PARALLEL DATA EXCHANGE (continued)
ST75C530 - ST75C540
61/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com