Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST75C540 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 56Page - STMicroelectronics ST75C540 Datasheet HTML 57Page - STMicroelectronics ST75C540 Datasheet HTML 58Page - STMicroelectronics ST75C540 Datasheet HTML 59Page - STMicroelectronics ST75C540 Datasheet HTML 60Page - STMicroelectronics ST75C540 Datasheet HTML 61Page - STMicroelectronics ST75C540 Datasheet HTML 62Page - STMicroelectronics ST75C540 Datasheet HTML 63Page - STMicroelectronics ST75C540 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
X - PARALLEL DATA EXCHANGE
HDLC
UART
Tx
BUFFERS
MODUL.
DEMOD.
H
Rx
BUFFERS
Tx
Rx
IT2
IT3
Telephone
Line
Control
Data
HDLC
UART
Figure 23
X.1 - Overview
While transmiting (respectively receiving) data to
(from) the telephone line data are exchanged be-
tween the host and the ST75C530/540.
Two totaly independent channels are provived for
transmit and receive data. Even while using half
duplex modes of operation, the transmitted data
comes from the transmit buffers and the receive
data arrives in the receive buffers.
Two independent interrupts, IT2 (for transmit) and
IT3 (for receive) are available for synchronizing the
ST75C530/540 and the host. An additional IT0
interrupt will signal the errors in the synchronization
mechanism.
The equivalent data flow is as follows (see Fig-
ure 20).
The ST75C530/540 has a buit-in HDLC capability.
This feature automatically performs HDLC fram-
ing/deframing, CRC generation/detection and “0”
insertion/deletion. The ST75C530/540 have also
UART capability, the format of data is selected by
the FORM command described bellow.
X.2 - Transmit Buffers
Two identical buffers are provided to exchange the
dat a bet ween th e host in terface an d the
ST75C530/540. When the host is writing data into
a buffer, the ST75C530/540 is transmitting the
other one. After that, both the host and the
ST75C530/540switch to use the other buffer. This
mechanism, called “Double-Buffering”, ensures
that the host has the maximum time to fill one
buffer.
The DUAL Ram area associated with the transmit
buffers is as following table.
Name
Address
Description
DTTBS0
$2E
Buffer 0 Status Byte
DTTBS0 [0]
$2F
Buffer 0 Data Byte 0
DTTBS0 [1]
$30
Buffer 0 Data Byte 1
DTTBS0 [2]
$31
Buffer 0 Data Byte 2
DTTBS0 [3]
$32
Buffer 0 Data Byte 3
DTTBS0 [4]
$33
Buffer 0 Data Byte 4
DTTBS0 [5]
$34
Buffer 0 Data Byte 5
DTTBS0 [6]
$35
Buffer 0 Data Byte 6
DTTBS0 [7]
$36
Buffer 0 Data Byte 7
DTTBS1
$37
Buffer 1 Status Byte
DTTBS1 [0]
$38
Buffer 1 Data Byte 0
DTTBS1 [1]
$39
Buffer 1 Data Byte 1
DTTBS1 [2]
$3A
Buffer 1 Data Byte 2
DTTBS1 [3]
$3B
Buffer 1 Data Byte 3
DTTBS1 [4]
$3C
Buffer 1 Data Byte 4
DTTBS1 [5]
$3D
Buffer 1 Data Byte 5
DTTBS1 [6]
$3E
Buffer 1 Data Byte 6
DTTBS1 [7]
$3F
Buffer 1 Data Byte 7
Bit 0 (LSB) of the Buffer 0 Data Byte 0 is the first in
time to be transmited.
According to the Data Format, the Status byte of a
buffer has different meanings. However a value of
0 signals to the host that a buffer is empty. This
value is set by the ST75C530/540 each time it has
emptied the buffer. After having used one buffer,
the host must select the other buffer for the next
operation. The host must start with the Buffer 0 as
soon as the
ST_106 signal goes on and BEFORE
the XMIT 1 command is sent.
A mechanism of interruption (
IT2 for Transmit) is
associated with the data buffer managment. Each
time a buffer is emptied by the ST75C530/540 it
generates an interrupt.
ST75C530 - ST75C540
60/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com