Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST75C540 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 55Page - STMicroelectronics ST75C540 Datasheet HTML 56Page - STMicroelectronics ST75C540 Datasheet HTML 57Page - STMicroelectronics ST75C540 Datasheet HTML 58Page - STMicroelectronics ST75C540 Datasheet HTML 59Page - STMicroelectronics ST75C540 Datasheet HTML 60Page - STMicroelectronics ST75C540 Datasheet HTML 61Page - STMicroelectronics ST75C540 Datasheet HTML 62Page - STMicroelectronics ST75C540 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
BIQUADRATIC
FILTER
#3
LEVEL #3
POWER
#3
POWER
#4
POWER
#5
LEVEL #4
LEVEL #5
COMP.
#4
COMP.
#3
COMP.
#5
D3
D4
D5
BIQUADRATIC
FILTER
#5
BIQUADRATIC
FILTER
#4
Rx SIGNAL
GROUND
@00
@01
@02
@03
@13
@14
@15
@23
@33
@24
@34
@25
@35
TONEDET0
2
2
Figure 22 : Wiring Example
IX.3 - Example
IX - TONE DETECTORS (continued)
Hereunder is an example of programming a single
Tone detection (using Cell #3) and a complex dif-
ferential tone detection (using Cell #4 and #5).
Bit 3 of the TONEDET variable will be triggered
each time the energy of that filtered signal is higher
than Static Level number 3.
Bit 4 of the TONEDET variable will be on each time
a receive signal has an energy higher than the
Static Level number 4. Bit 5 will be on only when
the Filtered (Filter section 4 and 5) received signal
higher than the energy of the wide-band signal
number 4 ; this prevents triggering on noise.
Program Cell #3 :
TDWW
0300
1301
Connect Received signal to Filter and Filter to Energy.
TDWW
0301
3323
Connect Level to Comparator Neg Input and Energy to Pos Input.
Program Cell #4 and #5 :
TDWW
0400
0101
Connect Received Signal to Filter and Energy.
TDWW
0401
3424
Connect Level to Comparator Neg Input and Energy to Pos Input.
TDWW
0500
1514
Connect Filter#4 Output to Filter and Filter to Energy.
TDWW
0501
2425
Connect Wide-band Energy to Neg Input and Energy to Pos Input.
ST75C530 - ST75C540
59/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com