Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20C2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 24Page - STMicroelectronics ST20C2 Datasheet HTML 25Page - STMicroelectronics ST20C2 Datasheet HTML 26Page - STMicroelectronics ST20C2 Datasheet HTML 27Page - STMicroelectronics ST20C2 Datasheet HTML 28Page - STMicroelectronics ST20C2 Datasheet HTML 29Page - STMicroelectronics ST20C2 Datasheet HTML 30Page - STMicroelectronics ST20C2 Datasheet HTML 31Page - STMicroelectronics ST20C2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
®
28/212
the word-length of the processor.
• Thirdly, it enables any number of secondary instructions to be implemented.
The following provides some simple examples of encoding:
• The instruction ldc 17 is encoded with the sequence:
pfix 1; ldc 1
• The instruction add is encoded by:
opr 5
• The instruction and is encoded by:
opr 70
which is in turn encoded with the sequence:
pfix 4; opr 6
To aid clarity and brevity, prefix sequences and the use of
opr are not explicitly shown
in this guide. Each instruction is represented by a mnemonic, and for primary
instructions an item of data, which stands for the appropriate instruction component
sequence. Hence in the above examples, these are just shown as:
ldc 17, add, and
and. (Also, where appropriate, an expression may be placed in a code sequence to
represent the code needed to evaluate that expression.
4.2
Generating prefix sequences
Prefixing is intended to be performed by a compiler or assembler. Prefixing b y hand is
not advised.
Normally a value can be loaded into the instruction data value by a variety of different
prefix sequences . It is important to use the shortest possible sequence as this
enhances both code compaction and execution speed. The best method of optimizing
object code so as to minimize the number of prefix instructions needed is shown
below.
4.2.1
Prefixing a constant
The algorithm to generate a constant instruction data value
e for a function op is
described by the following recursive function.
prefix( op , e ) = IF
e
< 16 AND e 0
op( e )
e
16
prefix( pfix, e >> 4 ); op( e
∧ #F)
e
< 0
prefix( nfix, (~e) >> 4 ); op( e
∧ #F )
where
( op, e ) is the instruction component with function code op and data field
e, ~ is a bitwise NOT, and >> is a logical right shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com