Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20C2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 23Page - STMicroelectronics ST20C2 Datasheet HTML 24Page - STMicroelectronics ST20C2 Datasheet HTML 25Page - STMicroelectronics ST20C2 Datasheet HTML 26Page - STMicroelectronics ST20C2 Datasheet HTML 27Page - STMicroelectronics ST20C2 Datasheet HTML 28Page - STMicroelectronics ST20C2 Datasheet HTML 29Page - STMicroelectronics ST20C2 Datasheet HTML 30Page - STMicroelectronics ST20C2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 212 page
background image
27/212
®
4.1.4
Secondary instructions
The ST20 encodes all other instructions (secondary instructions) indirectly using the
instruction data value.
The instruction component
opr causes the instruction data value to be interpreted as
the operation code of the instruction to be executed. This selects an operation to be
performed on the values held in the integer stack. This allows a further 16 operations
to be encoded in a single byte instruction. However the prefix instr uctions can be used
to extend the instruction data value, allowing any number of operations to be
performed.
Secondar y instructions do not have an operand specified b y the encoding, because
the instruction data value has been used to specify the operation.
To ensure that programs are represented as compactly as possible, the operations are
encoded in such a way that the most frequent secondary instructions are represented
without using prefix instr uctions.
4.1.5
Summary of encoding
The encoding mechanism has important consequences.
• Firstly, it simplifies language compilation, by providing a completely uniform
way of allowing a primary instruction to take an operand of any size up to the
processor word-length.
• Secondly, it allows these operands to be represented in a form independent of
ajw n
adjust workspace
call n
call
cj n
conditional jump
eqc n
equals constant
j n
jump
ldc n
load constant
ldl n
load local
ldlp n
load local pointer
ldnl n
load non-local
ldnlp n
load non-local pointer
stl n
store local
stnl n
store non-local
mnemonic
name
opr
operate
Table 4.3 Operate instruction
mnemonic
name
Table 4.2 Primary instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com