Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20C2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 10Page - STMicroelectronics ST20C2 Datasheet HTML 11Page - STMicroelectronics ST20C2 Datasheet HTML 12Page - STMicroelectronics ST20C2 Datasheet HTML 13Page - STMicroelectronics ST20C2 Datasheet HTML 14Page - STMicroelectronics ST20C2 Datasheet HTML 15Page - STMicroelectronics ST20C2 Datasheet HTML 16Page - STMicroelectronics ST20C2 Datasheet HTML 17Page - STMicroelectronics ST20C2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 212 page
background image
®
14/212
Error conditions
Any errors that can occur in instructions which are defined in ter ms of the modulo
operators are indicated explicitly in the instruction description. For example the
div
(
divide) instruction indicates the cases that can cause overflow, independently of the
actual division:
if (Areg = 0) or ((Breg = MostNeg) and (Areg = -1))
{
Areg
′← undefined
IntegerOverflow
}
else
Areg
′← Breg / Areg
Breg
′← Creg
Creg
′← undefined
Checked operators
To simplify the description of
checked arithmetic, the operators ‘
+
checked’, ‘−checked’,
etc. are used to indicate operations that perform checked arithmetic on signed
integers. These operators signal an
IntegerOverflow if an overflow, divide by zero, or
other arithmetic error occurs. If no trap is taken, the operators also deliver the modulo
result.
A number of comparison operators are also used and there are versions of some of
these that treat the operands as unsigned integers. A full list of the operators used in
the instruction definitions is giv en in Table 1.7.
1.11 Functions
Type conversions
The following function is used to indicate a type conversion:
unsign(x)
causes the bit-pattern in x to be interpreted as an unsigned integer.
1.12 Conditions to instructions
In many cases, the action of an instruction depends on the current state of the
processor. In these cases the conditions are shown by an if clause; this can take one
of the following forms:
• if condition
statement
• if condition
statement
else
statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com