Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST10 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 57Page - STMicroelectronics ST10 Datasheet HTML 58Page - STMicroelectronics ST10 Datasheet HTML 59Page - STMicroelectronics ST10 Datasheet HTML 60Page - STMicroelectronics ST10 Datasheet HTML 61Page - STMicroelectronics ST10 Datasheet HTML 62Page - STMicroelectronics ST10 Datasheet HTML 63Page - STMicroelectronics ST10 Datasheet HTML 64Page - STMicroelectronics ST10 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
ST10C167
61/65
XX - ELECTRICAL CHARACTERISTICS (continued)
Notes 1. This is the last opportunity for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated earlier, the regain-sequence
is initiated by HOLD going high. Please note that HOLD may also be deactivated without the ST10C167 requesting the bus.
2. The next ST10C167 driven bus cycle may start here.
XX.4.13 - High-speed synchronous serial interface (SSC) timing
Master mode
VCC =5V ±10%, VSS = 0V, CPU clock = 25MHz, TA = -40 to +125°C, CL = 100pF
Note
1. timi ng guaranteed by design.
Figure 24 : External bus arbitration, (regaining the bus)
Symbol
Parameter
Max. Baud rate = 6.25M Baud
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh)
Unit
Min.
Max.
Min.
Max.
t300
CC
SSC clock cycle time
160
160
8 TCL
262144 TCL
ns
t301
CC
SSC clock high time
70
t300/2 - 10
–ns
t302
CC
SSC clock low time
70
t300/2 - 10
–ns
t303
CC
SSC clock rise time
10
10
ns
t304
CC
SSC clock fall time
10
10
ns
t305
CC
Write data valid after shift edge
15
15
ns
t306
1
CC
Write data hold after shift edge
-2
-2
ns
t307p SR Read data setup time before
latch edge, phase error
detection on (SSCPEN = 1)
60
2TCL+20
ns
t308p SR Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
4TCL
4TCL
ns
t307
SR
Read data setup time before
latch edge, phase error
detection off (SSCPEN = 0)
40
40
ns
t308
SR
Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
0–
0
ns
CLKOUT
HOLD
HLDA
Other
Signals
t
62
CSx
(On P6.x)
t
67
t
62
1)
2)
t
65
t
61
BREQ
t
63
t
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com