Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402613 Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # AVT3402613
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402613 Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button AVT3402613 Datasheet HTML 9Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 10Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 11Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 12Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 13Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 14Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 15Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 16Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Technical Terminology & Cautions for Use
–5–
AECTB36E 201510-T
■ Usage, storage, and transport conditions
During usage, storage, or transportation, avoid locations subject
to direct sunlight and maintain normal temperature, humidity,
and pressure conditions.
The allowable specifications for environments suitable for usage,
storage, and transportation are given below.
1) Temperature: The allowable temperature range differs for
each switch, so refer to the switch’s individual specifications. In
addition, when transporting or storing switches while they are
tube packaged, there are cases when the temperature may differ
from the allowable range. In this situation, be sure to consult the
individual specifications.
2) Humidity: 5 to 85% R.H.
3) Pressure: 86 to 106 kPa
The humidity range varies with the temperature. Use within the
range indicated in the graph below.
(The allowable temperature depends on the switch.)
• Condensation will occur inside the switch if there is a sudden
change in ambient temperature when used in an atmosphere of
high temperature and high humidity. This is particularly likely to
happen when being transported by ship, so please be careful of
the atmosphere when shipping. Condensation is the
phenomenon whereby steam condenses to cause water
droplets that adhere to the switch when an atmosphere of high
temperature and humidity rapidly changes from a high to low
temperature or when the switch is quickly moved from a low
humidity location to one of high temperature and humidity.
Please be careful because condensation can cause adverse
conditions such as deterioration of insulation, coil cutoff, and
rust.
• Condensation or other moisture may freeze on the switch when
the temperatures is lower than 0°C 32°F. This causes problems
such as sticking of movable parts or operational time lags.
• The plastic becomes brittle if the switch is exposed to a low
temperature, low humidity environment for long periods of time.
• Storage for extended periods of time (including transportation
periods) at high temperatures or high humidity levels or in
atmospheres with organic gases or sulfide gases may cause a
sulfide film or oxide film to form on the surfaces of the contacts
and/or it may interfere with the functions. Check out the
atmosphere in which the units are to be stored and transported.
• In terms of the packing format used, make every effort to keep
the effects of moisture, organic gases and sulfide gases to the
absolute minimum.
■ We reserve the right to modify without notice the
materials, internal components, and other parts to improve
product quality.
■ Handling precautions
When handling the switches, be careful not to drop them on the
floor since this may damage them.
* Select contact sulfurization (clipping) prevention products (FS and Au-clad double
layer contacts) for use with extremely small loads or an environment-resistant
Turquoise switch.
■ Others
1) Failure modes of switches include short-circuiting, open-
circuiting and temperature rises. If this switch is to be used in
equipment where safety is a prime consideration, examine the
possible effects of these failures on the equipment concerned,
and ensure safety by providing protection circuits or protection
devices. In terms of the systems involved, make provision for
redundancy in the design and take steps to achieve safety
design.
2) The ambient operating temperature (and humidity) range
quoted is the range in which the switch can be operated on a
continuous basis: it does not mean that using the switch within
the rating guarantees the durability performance and
environment withstanding performance of the switch. For details
on the performance guarantee, check the specifications of each
product concerned.
Tolerance range
(Avoid
condensation when
used at temperatures
higher than 0
°C 32°F)
(Avoid freezing when
used at temperatures
lower than 0
°C 32°F)
85
5
–40
–40
0
+32
+85
+185
Temperature,
°C °F
Humidity, %R.H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com