Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402613 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AVT3402613
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402613 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AVT3402613 Datasheet HTML 7Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 8Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 9Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 10Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 11Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 12Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 13Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 14Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–11–
AECTB10E 201601-T
CAUTIONS FOR USE (Common for FS type and FS-T type)
3P CONNECTOR
■ Regarding fastening of switch body
1) To secure the switch, please use an M2.3 small screw on a
flat surface and tighten using a maximum torque of 0.29 N·m.
It is recommended that spring washers be used with the screws
and adhesive be applied to lock the screws to prevent loosening
of the screws.
2) When the operation object is in the free position, force should
not be applied directly to the actuator or pin plunger. Also force
should be applied to the pin plunger from vertical direction to the
switch.
3) In setting the movement after operation, the Overtravel OT
should be set not less than 70% as a standard.
Setting the movement at less than 70% of OT may cause
troubles such as mis-contact and welding due to small contact
force of the switch.
In addition, even if FS type switch actuator is pushed to full limit
of operating position, it does not affect product life. However,
heavy impact and excessive loading should not be applied.
■ Soldering operation
Perform soldering in less than 3 seconds with maximum 350
°C
iron. Care should be taken not to apply force to the terminals
during soldering. We recommend a soldering iron with
temperature adjustment in order to prevent poor quality
soldering.
Please consult us if you intend to use a soldering iron of 60 W or
higher.
■ Environment
Locations where corrosive gases having a bad influence on
contacts are present, and locations where there is an excessive
amount of siliceous or other abrasive dust should be avoided.
■ Regarding connector connections (.110 quick connect
terminals)
For making connections, a dedicated receptacle for .110 quick
connect terminals should be used, and the terminals should be
inserted parallel to the receptacle. Consideration should be
given to mounting so that no tensile load is applied to the lead
wires.
■ In making the switch selection
Consideration should be given to provide for no interference up
to +20% variation of the standard characteristics values.
■ Please select Au-clad contact types when loads are in the
low-level area of 1mA up to 100mA and 5V up to 30V.
See the diagram below for contact specification selection.
• Contact material reference chart classified by load voltage &
current
NC
side
NO
side
Contact
force
Stroke
0
OT max.
Usable
area
PT
OT minimum
value
70% of OT
minimum value
Au-clad double layer
contact type
1mA
DC
AC
5
5
15
30V
30
250V
100mA
3A
0
AgNi alloy
Au-clad triple layer contact type
(Both AV3/AVM3 subminiature switches and ABS turquoise switches)
The .110 Quick-connect terminal type of S type turquoise switches and FS type subminiature switches fit direct contact 3P connectors
(Nippon Tanshi Co., Ltd.)
■ Reverse insertion prevention
As shown in the diagram, the protrusion on the 3P connector
can only be inserted on the corresponding side of the mounting
frame. That is, using the plunger as a reference, the
subminiature switches can only be inserted in the direction
shown in the diagram: it is not possible to mount it the wrong
way round.
■ If you have any questions, please directly contact:
Nippon Tanshi Co., Ltd.
■ Product name and Product number
Product name: 3P connectors for 7.6 mm pitch
subminiature switches
Product number
Note: Please note that Panasonic does not sell this connector.
3P connectors
Switch mounting
frame
Switch mounting
frame
Protrusion
Protrusion
Name
Product number
Remark (Suitable wire)
Housing
9880-4203
—
Receptacle
171587-M2
0.3 to 0.75 mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com