Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVT3402613 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AVT3402613
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVT3402613 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AVT3402613 Datasheet HTML 5Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 6Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 7Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 8Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 9Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 10Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 11Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 12Page - Panasonic Semiconductor AVT3402613 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–9–
AECTB10E 201601-T
Roller lever
■ FS-T switches (Cross-line terminal type)
1) PC board terminal
Pin plunger
Short hinge lever
Hinge lever
3.2
5.0 dia.
NC
NO
C
5.15
±0.4
2.5 max.
17.9
(OP)
(PT)
±0.9
14.5
(OP)
±0.8
Pretravel PT, Max.
2.5mm
Movement Differential MD, Max.
0.5mm
Overtravel OT, Min.
0.8mm
Operating
Position OP
Distance from
mounting hole
14.5
±0.8mm
Distance from
stand-off
17.9
±0.9mm
CAD Data
2) Solder terminal
3) .110 Quick-connect terminal
1.25
0.5
7.4
2.8
NC
NO
C
±0.15
3.4
±0.2
±0.1
1.5
1.1
6.4
5.2
4.0
19.8
15.4
8.7 ±
0.15
9.5 ±
0.1
±0.15
±0.3
±0.12
±0.12
1.85
±0.2
±0.2
3-1.2
dia.
2.8
-0.15
0
4.0
15.2
5.5
NC
NO
C
±0.1
7.1 ±0.15
±0.15
±0.15
±0.05
±0.1
6-C0.6
±0.1
7.6
0.5
±0.15
3.4
6.4
5.2
4.0
±0.2
9.5
19.8
2.5
±0.1
±0.1
±0.3
11.0
Note: Dimensions other than drawn above is same as self-standing PC board
terminal.
Note: Dimensions other than drawn above is same as self-standing PC board
terminal.
CAD Data
CAD Data
6.4
3.2
7.0
1.2
0.5
16.1
8.8
19.8
NO
NC
C
±0.3
±0.2
±0.1
0.6 max.
2.4
9.5
7.6
4.0
8.4
(PT)
6.7
7.7
3.3
-0.05
+0.1
2.4
2.5
±0.3
±0.1
±0.1
(OP)
±0.3
2.4
dia.
+0.1
-0.05
PC board pattern
10.9
(Plunger position)
8.8±0.1
16.1±0.1
3-1.35 to 1.50 dia.
Pretravel PT, Max.
0.6mm
Movement Differential MD, Max.
0.1mm
Overtravel OT, Min.
0.4mm
Operating
Position OP
Distance from
mounting hole
8.4
±0.3mm
Distance from
stand-off
11.7
±0.4mm
CAD Data
NO
NC
C
12.85
5.0
±0.4
2.5 max.
4.0
(PT)
8.8
(OP)
±0.8
Pretravel PT, Max.
2.5mm
Movement Differential MD, Max.
0.5mm
Overtravel OT, Min.
0.8mm
Operating
Position OP
Distance from
mounting hole
8.8
±0.8mm
Distance from
stand-off
12.1
±0.9mm
CAD Data
NO
NC
C
7.15
±0.4
2.8 max.
4.0
(PT)
8.8
(OP)
±0.8
12.85
Pretravel PT, Max.
2.8mm
Movement Differential MD, Max.
0.8mm
Overtravel OT, Min.
1.2mm
Operating
Position OP
Distance from
mounting hole
8.8
±0.8mm
Distance from
stand-off
12.1
±0.9mm
CAD Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com