Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D23BCN Datasheet(PDF) 24 Page - OSRAM GmbH

Part # D23BCN
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D23BCN Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button D23BCN Datasheet HTML 20Page - OSRAM GmbH D23BCN Datasheet HTML 21Page - OSRAM GmbH D23BCN Datasheet HTML 22Page - OSRAM GmbH D23BCN Datasheet HTML 23Page - OSRAM GmbH D23BCN Datasheet HTML 24Page - OSRAM GmbH D23BCN Datasheet HTML 25Page - OSRAM GmbH D23BCN Datasheet HTML 26Page - OSRAM GmbH D23BCN Datasheet HTML 27Page - OSRAM GmbH D23BCN Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
1. General
23
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.4.2 Typical
replacement
intervals
Examples of replacement intervals for OSRAM DULUX® EL LONGLIFE compared with
incandescent lamps in domestic and commercial applications:
Application
Operating time in hours
Replacement intervals for
daily = approx. annually
OSRAM
Incandencent
DULUX® EL
lamp
LONGLIFE
Private household
3 h/day = 1100 h/year
about 12 years
11 to 12 months
Commercial use
10 h/day = 3650 h/year
about 4 years
2 to 3 months



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com