Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D23BCN Datasheet(PDF) 19 Page - OSRAM GmbH

Part # D23BCN
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D23BCN Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button D23BCN Datasheet HTML 15Page - OSRAM GmbH D23BCN Datasheet HTML 16Page - OSRAM GmbH D23BCN Datasheet HTML 17Page - OSRAM GmbH D23BCN Datasheet HTML 18Page - OSRAM GmbH D23BCN Datasheet HTML 19Page - OSRAM GmbH D23BCN Datasheet HTML 20Page - OSRAM GmbH D23BCN Datasheet HTML 21Page - OSRAM GmbH D23BCN Datasheet HTML 22Page - OSRAM GmbH D23BCN Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
The high quality brand name compact fluorescent lamp with integrated option for
varying the light.
• The lighting level can be varied by simply switching the lamp off and on again.
Within 3 seconds the luminous flux is reduced to about 25 % of the rated value.
Switching the lamp off and on again takes the lamp back up to 100 % luminous flux,
irrespective of how long it is switched off. Recommendation: allow the lamps to burn
in at full load for at least 1 minute each time before „dimming to around 25 %“ to
achieve stable operation
• Additional energy savings from reducing power consumption to 40 %. For more
information see Section 3.5.3 Dimmer operation
• In accordance with IEC regulations, OSRAM DULUX® EL LONGLIFE VARIO can
be switched on and off any number of times within its average life of 15000 hours
and within its permitted temperature range of +15°C to +50°C without having to be
switched off for a certain amount of time before being switched on again
• Not suitable for use with existing dimmer systems, DC power, emergency lighting
systems or electronic switches
1. General
18
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.10 OSRAM DULUX® EL
LONGLIFE
VARIO
Reference
DEL
VAR 23 W
Warm start (start with cathode preheating)
Yes
Technical characteristics
Full load Power-Boost
Vario function
Power input (W)
23
24,5
9
Lamp current rms value (mArms)
185
170
70
Peak value (mA)
560
650
225
Luminous flux (lm)
1500
–
350
Luminous efficacy (lm/W)
65
–
39
Colour appearance
827
Colour rendering group
1B
Energy Label classification
A
Length l1 (mm)
83
Length l2 (mm)
173±3
Diameter d (mm)
58
Weight (g)
110
Available with base
E27
B22d
Suitable for DC operation
No
Rated average life (h)
15000
d
LONGLIFE
NEW
120 W
©
23 W
Dimmer function:
35 W
©
9 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com