Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D23BCN Datasheet(PDF) 13 Page - OSRAM GmbH

Part # D23BCN
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D23BCN Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button D23BCN Datasheet HTML 9Page - OSRAM GmbH D23BCN Datasheet HTML 10Page - OSRAM GmbH D23BCN Datasheet HTML 11Page - OSRAM GmbH D23BCN Datasheet HTML 12Page - OSRAM GmbH D23BCN Datasheet HTML 13Page - OSRAM GmbH D23BCN Datasheet HTML 14Page - OSRAM GmbH D23BCN Datasheet HTML 15Page - OSRAM GmbH D23BCN Datasheet HTML 16Page - OSRAM GmbH D23BCN Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
1. General
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
12
1.3.6 OSRAM DULUX® EL
ECONOMY
CLASSIC
The high quality brand name compact fluorescent lamp with the classic light bulb
shape combines the benefits of the incandescent lamp with those of the compact
fluorescent lamp.
• The new generation is more compact and attractive
• About 6 years life (if used for around 3 hours a day), based on the same specifications
and requirements for life and on/off switching frequency as for OSRAM DULUX® EL
ECONOMY
• Ideal for decorative and free-burning applications
• Special finish outer bulb for particularly soft light
• ECONOMY versions are available in five wattages with E27/B22d bases
• OSRAM DULUX® EL CLASSIC lamps are not suitable for use with dimmers or
electronic switches or motion detectors
© 5W
© 7W
© 9W
© 10 W
© 15 W
20 W
25 W
35 W
40 W
60 W
1
d
2
d
Reference
DEL
DEL
DEL
DEL
CL A
CL B
CL A
CL B
ECO 5 W
ECO 5 W
ECO 7 W
ECO 7 W
Fig.
2
1
2
1
Warm start (start with cathode preheating)
Yes
Yes
Yes
Yes
Power input (W)
5
5
7
7
Lamps current rms value (mA)
40
40
55
55
Peak value (mA)
120
120
165
165
Luminous flux (lm)
200
160
350
280
Luminous efficacy (lm/W)
40
32
50
40
Colour appearance
827
827
827
827
Colour rendering group
1B
1B
1B
1B
Energy Label classification
A
B
A
B
Length l (mm)
106,5±2
116,5±2
116,5±2
123,5±2
Diameter d (mm)
52
42
56
43
Weight (g)
65
65
65
65
Base
E27
E14
E27
E14
B22d
B22d
Suitable for DC operation
No
No
No
No
Rated average life (h)
6000
6000
6000
6000
ECONOMY
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com