Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU3MMS Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MU3MMS
Description  3 ft Slim 3.5mm Stereo Audio Cable - M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MU3MMS Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MU3MMS Datasheet HTML 1Page - StarTech.com Ltd. MU3MMS Datasheet HTML 2Page - StarTech.com Ltd. MU3MMS Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 ft Slim 3.5mm Stereo Audio Cable - M/M
Product ID: MU3MMS
This 3-foot Slim 3.5mm Stereo Audio Cable is the perfect solution for portable audio devices (iPod, iPhone, MP3
Players), featuring a slim connector molding that fits easily into a 3.5mm headphone jack, even if the
iPod/iPhone/MP3 player is in a protective case.
Like all StarTech.com cables, this 3-foot 3.5mm Slim Stereo Audio Cable is backed by our Lifetime Warranty,
providing guaranteed quality and reliability.
Certifications, Reports and Compatibility
Applications
• Connect your iPod or MP3 player to your car stereo 3.5mm Audio In jack
• Connect your MP3 player to your Hi-Fi system
• Connects sound card to external CD-ROM
Features
• Slimline connector molding, specially designed for use with portable devices
• Molded connectors with strain relief


Similar Part No. - MU3MMS

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MU3MMMSWH STARTECH-MU3MMMSWH Datasheet
66Kb / 2P
3m White Slim 3.5mm Stereo Audio Cable - Male to Male
More results

Similar Description - MU3MMS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P312003RA TRIPPLITE-P312003RA Datasheet
476Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M-M), 3-ft.
P312006 TRIPPLITE-P312006 Datasheet
469Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 6-ft
P312006RA TRIPPLITE-P312006RA Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M-M), 6-ft
P312015 TRIPPLITE-P312015 Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 15-ft
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P312-003 TRIPPLITE-P312-003 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 3-ft.
P312-003-RA TRIPPLITE-P312-003-RA Datasheet
158Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 3-ft.
P312-006 TRIPPLITE-P312-006 Datasheet
153Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 6-ft.
P312-012 TRIPPLITE-P312-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 12-ft.
logo
IOGEAR
G2LMM006 IOGEAR-G2LMM006 Datasheet
138Kb / 2P
6ft 3.5mm (M) to 3.5mm (M) Aux Stereo Audio Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com