Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU3MMS Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # MU3MMS
Description  3 ft Slim 3.5mm Stereo Audio Cable - M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MU3MMS Datasheet(HTML) 2 Page - StarTech.com Ltd.

  MU3MMS Datasheet HTML 1Page - StarTech.com Ltd. MU3MMS Datasheet HTML 2Page - StarTech.com Ltd. MU3MMS Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Gold-plated connectors
Hardware
Warranty
Lifetime
Number of Conductors
2
Connector Plating
Gold
Cable Jacket Material
PVC - Polyvinyl Chloride
Connector(s)
Connector A
1 - 3.5 mm Mini-Jack (3 Position)
Connector B
1 - 3.5 mm Mini-Jack (3 Position)
Physical
Characteristics
Color
Black
Wire Gauge
28 AWG
Cable Length
3.0 ft [0.9 m]
Cable OD
0.1 in [3.0 mm]
Product Length
37.2 in [94.5 cm]
Product Width
0.2 in [5.0 mm]
Product Height
0.3 in [6.8 mm]
Weight of Product
0.5 oz [14.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
4.9 in [12.5 cm]
Package Height
0.3 in [7.0 mm]
Shipping (Package)
Weight
0.6 oz [18.0 g]
What's in the Box



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com