Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU3MMMSWH Datasheet (PDF) - StarTech.com Ltd.

MU3MMMSWH Datasheet PDF - StarTech.com Ltd.
Part # MU3MMMSWH
Download  MU3MMMSWH Download
File Size   66.49 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3m White Slim 3.5mm Stereo Audio Cable - Male to Male

MU3MMMSWH Datasheet (PDF)

Go To PDF Page Download Datasheet
MU3MMMSWH Datasheet PDF - StarTech.com Ltd.

Part # MU3MMMSWH
Download  MU3MMMSWH Click to download

File Size   66.49 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3m White Slim 3.5mm Stereo Audio Cable - Male to Male

MU3MMMSWH Datasheet (HTML) - StarTech.com Ltd.


MU3MMMSWH Product details

Applications
• Connect your portable 3.5mm mini jack audio devices (iPod, iPhone, iPad, MP3 player, etc.) to your home/car
stereo or to your sound card

Features
• 2x 3.5mm Mini-Jack male connectors
• Slimline connector molding
• Molded connectors with strain relief




Similar Part No. - MU3MMMSWH

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MU3MMS STARTECH-MU3MMS Datasheet
70Kb / 3P
3 ft Slim 3.5mm Stereo Audio Cable - M/M
More results


Similar Description - MU3MMMSWH

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34572 PASTERNACK-PE34572 Datasheet
109Kb / 1P
CABLE ASSEMBLY PE-SR402AL 3.5mm MALE TO 3.5mm MALE
PE315 PASTERNACK-PE315 Datasheet
333Kb / 4P
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PE34576-6 PASTERNACK-PE34576-6 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 6 Inch
PE34576-12 PASTERNACK-PE34576-12 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 12 Inch
PE34576-18 PASTERNACK-PE34576-18 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 18 Inch
PE34576-24 PASTERNACK-PE34576-24 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 24 Inch
PE34576-36 PASTERNACK-PE34576-36 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 36 Inch
PE34576-48 PASTERNACK-PE34576-48 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 48 Inch
PE34576-60 PASTERNACK-PE34576-60 Datasheet
422Kb / 4P
3.5mm Male to 3.5mm Male Cable 60 Inch
PE34576LF-24 PASTERNACK-PE34576LF-24 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 24 Inch Length
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com