Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU3MMMSWH Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MU3MMMSWH
Description  3m White Slim 3.5mm Stereo Audio Cable - Male to Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MU3MMMSWH Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MU3MMMSWH Datasheet HTML 1Page - StarTech.com Ltd. MU3MMMSWH Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3m White Slim 3.5mm Stereo Audio Cable - Male to Male
Product ID: MU3MMMSWH
The MU3MMMSWH 3m White 3.5mm Slim Audio Cable features male to male 3.5mm connectors, enabling you to
connect your portable 3.5mm mini jack audio devices (iPod, iPhone, iPad, MP3 player, etc.) to your car or home
stereo system.
Featuring a slim connector molding, this aux stereo cable fits nicely into a 3.5mm headphone jack, even if your
mobile audio player is in a protective case.
The MU3MMMSWH audio cable is backed by StarTech.com’s Lifetime warranty for guaranteed reliability.
Certifications, Reports and Compatibility
Applications
• Connect your portable 3.5mm mini jack audio devices (iPod, iPhone, iPad, MP3 player, etc.) to your home/car
stereo or to your sound card
Features
• 2x 3.5mm Mini-Jack male connectors
• Slimline connector molding
• Molded connectors with strain relief


Similar Part No. - MU3MMMSWH

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MU3MMS STARTECH-MU3MMS Datasheet
70Kb / 3P
3 ft Slim 3.5mm Stereo Audio Cable - M/M
More results

Similar Description - MU3MMMSWH

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34572 PASTERNACK-PE34572 Datasheet
109Kb / 1P
CABLE ASSEMBLY PE-SR402AL 3.5mm MALE TO 3.5mm MALE
PE315 PASTERNACK-PE315 Datasheet
333Kb / 4P
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PE34576-6 PASTERNACK-PE34576-6 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 6 Inch
PE34576-12 PASTERNACK-PE34576-12 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 12 Inch
PE34576-18 PASTERNACK-PE34576-18 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 18 Inch
PE34576-24 PASTERNACK-PE34576-24 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 24 Inch
PE34576-36 PASTERNACK-PE34576-36 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 36 Inch
PE34576-48 PASTERNACK-PE34576-48 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 48 Inch
PE34576-60 PASTERNACK-PE34576-60 Datasheet
422Kb / 4P
3.5mm Male to 3.5mm Male Cable 60 Inch
PE34576LF-24 PASTERNACK-PE34576LF-24 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 24 Inch Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com