Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLB22-R11XY Datasheet(PDF) 29 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 29 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 25Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 26Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 27Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 28Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 29Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 30Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 31Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 32Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 33Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
56
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
57
Cable Glands
IP68 Reducing Adaptor With O Ring Seal And Hex Collar
Multihole Sealing insert
Perfect PG Nickel Plated Brass Cable Glands
Part Code
IP Rating
Size
H
(mm)
L
(mm)
ØC
(mm)
Temp Rating
60907/OM
IP68
PG9PG7
8,5
6
N/a
-30 to +100C
61107/OM
IP68
PG11PG7
8,5
6
N/a
-30 to +100C
61109/OM
IP68
PG11PG9
8,5
6
N/a
-30 to +100C
61307/OM
IP68
PG13PG7
9,5
6,5
N/a
-30 to +100C
61309/OM
IP68
PG13PG9
9,5
6,5
N/a
-30 to +100C
61311/OM
IP68
PG13PG11
9,5
6,5
N/a
-30 to +100C
61607/OM
IP68
PG16PG7
9,5
6,5
N/a
-30 to +100C
61609/OM
IP68
PG16PG9
9,5
6,5
N/a
-30 to +100C
61611/OM
IP68
PG16PG11
9,5
6,5
N/a
-30 to +100C
61613/OM
IP68
PG16PG13
9,5
6,5
N/a
-30 to +100C
62111/OM
IP68
PG21PG11
10
7
N/a
-30 to +100C
62113/OM
IP68
PG21PG13
10
7
N/a
-30 to +100C
62116/OM
IP68
PG21PG16
10
7
N/a
-30 to +100C
62916/OM
IP68
PG29PG16
11,5
8
N/a
-30 to +100C
62921/OM
IP68
PG29PG21
11,5
8
N/a
-30 to +100C
63621/OM
IP68
PG36PG21
12,5
9
N/a
-30 to +100C
63629/OM
IP68
PG36PG29
12,5
9
N/a
-30 to +100C
64236/OM
IP68
PG42PG36
14
10
N/a
-30 to +100C
Part Code
For Use With
Size
IP
Rating
H
(mm)
n x Di
(mm)
ØC
(mm)
Temp Rating
Material
WJ-D 9/3x2
Perfect series 50.0xx
& Perfect series 50.1xx
Other sizes and hole
configurations also
available
- please request details.
PG9
N/a
7.5
3x2
10.6
.-30c to +100c
Evoprene TPE
WJ-D 9/3x3.5
PG9
N/a
7.5
3x3.5
10.6
.-30c to +100c
Evoprene TPE
WJ-D 11/2x5
PG11
N/a
8.5
2x5
13.3
.-30c to +100c
Evoprene TPE
WJ-D 11/3x3
PG11
N/a
8.5
3x3
13.3
.-30c to +100c
Evoprene TPE
WJ-D 11/3x4
PG11
N/a
8.5
3x4
13.3
.-30c to +100c
Evoprene TPE
WJ-D 13/2x5
PG13.5
N/a
8.5
2x5
15.3
.-30c to +100c
Evoprene TPE
WJ-D 13/2x6
PG13.5
N/a
8.5
2x6
15.3
.-30c to +100c
Evoprene TPE
WJ-D 13/3x4
PG13.5
N/a
8.5
3x4
15.3
.-30c to +100c
Evoprene TPE
WJ-D16/3x6
PG16
N/a
9
3x6
17.4
.-30c to +100c
Evoprene TPE
WJ-D16/3x6.5
PG16
N/a
9
3x6.5
17.4
.-30c to +100c
Evoprene TPE
WJ-D 16/3x7
PG16
N/a
9
3x7
17.4
.-30c to +100c
Evoprene TPE
WJ-D 16/4x4
PG16
N/a
9
4x4
17.4
.-30c to +100c
Evoprene TPE
WJ-D 21/3x7
PG21
N/a
11
3x7
22.2
.-30c to +100c
Evoprene TPE
WJ-D 21/3x8
PG21
N/a
11
3x8
22.2
.-30c to +100c
Evoprene TPE
WJ-D 21/4x5
PG21
N/a
11
4x5
22.2
.-30c to +100c
Evoprene TPE
WJ-D 21/4x6.5
PG21
N/a
11
4x6.5
22.2
.-30c to +100c
Evoprene TPE
WJ-D 29/6x5
PG29
N/a
13
6x5
29.8
.-30c to +100c
Evoprene TPE
WJ-D 29/6x7.5
PG29
N/a
13
6x7.5
29.8
.-30c to +100c
Evoprene TPE
Kompakt Pressure Screw
Gland With Clamping Jaw
Cable Gland With Bend protection
Favorit Pressure Screw
Kompakt Cable Glands
Favorit Cable Glands:
Multiple & Simple Sealing rings
Cable Glands For Flat Cables
Other Styles Of Gland Are Avaliable
Features:
• PG Nickel plated Brass
• Temp Rating Of -60c +200c
• Sizes Range PG9 to PG29
Features:
• IP55
• Material PG Nickel Plated Brass
• Temp Rating Of -30°c to 100°c
• Sizes Ranges PG7 to PG48
Features:
• IP65
• PG Nickel plated brass
• Temp Rating Of -30C to +100C
• Sizes Range PG9 To PG29
Features:
• PG Nickel plated Brass
• Temp Rating Of -60C to +200C
• Sizes Range PG9 to PG29
Features:
• IP55
• PG Nickel Plated Brass
• Temp Rating Of -30c To +100c
• Sizes Range PG9 to PG48
• Also Avaliable With Rubber Bushing
Features:
• IP55
• PG Nickel Plated Brass
• Temp Rating of -30c to +100c
• Sizes Range PG9 To PG29
• Also Avaliable With Rubber Bushing
Features:
• IP55
• PG nickel plated brass
• Temp rating of -30c to +100c
• Size Range PG9 to PG48
Features:
• IP55
• PG Nickel Plated Brass
• Sizes M25-M63
• Temp Rating Of -30C to + 80C
• Sizes Range PG16 to PG48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com