| Electronic Components Datasheet Search |
|
DLB22-R11XY Datasheet(PDF) 26 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DLB22-R11XY Datasheet(HTML) 26 Page - Hylec-APL Ltd. All rights reserved. |
|
26 / 35 page ![]() 50 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 51 Cable Glands IP54 Metric Nylon Blanking Plug - No Sealing Ring IP65 Metric Nylon Blanking Plug With Simple Sealing Ring IP65 Metric Nylon Blanking Plug With Simple Sealing Ring Part Code For Use With Size H(mm) n x Di (mm) ØC (mm) IP Rating Material Temp Rating 10.1215 PA Ral7001 - Grey M12 10 6 15 IP54 PA6 -30 to +100C 10.1615 PA Ral7001 - Grey M16 10,5 6 20 IP54 PA6 -30 to +100C 10.2015 PA Ral7001 - Grey M20 10,5 6 24 IP54 PA6 -30 to +100C 10.2515 PA Ral7001 - Grey M25 13 8 30 IP54 PA6 -30 to +100C 10.3125 PA Ral7001 - Grey M32 13,5 8 37 IP54 PA6 -30 to +100C 10.4015 PA Ral7001 - Grey M40 14 8 46 IP54 PA6 -30 to +100C 10.5015 PA Ral7001 - Grey M50 16,5 10 56 IP54 PA6 -30 to +100C 10.6315 PA Ral7001 - Grey M63 17 12 70 IP54 PA6 -30 to +100C 10.1215 PA7035 Ral7035 - Light Grey M12 10 6 15 IP54 PA6 -30 to +100C 10.1615 PA7035 Ral7035 - Light Grey M16 10,5 6 20 IP54 PA6 -30 to +100C 10.2015 PA7035 Ral7035 - Light Grey M20 10,5 6 24 IP54 PA6 -30 to +100C 10.2515 PA7035 Ral7035 - Light Grey M25 13 8 30 IP54 PA6 -30 to +100C 10.3215 PA7035 Ral7035 - Light Grey M32 13,5 8 37 IP54 PA6 -30 to +100C 10.4015 PA7035 Ral7035 - Light Grey M40 14 8 46 IP54 PA6 -30 to +100C 10.5015 PA7035 Ral7035 - Light Grey M50 16,5 10 56 IP54 PA6 -30 to +100C 10.6315 PA7035 Ral7035 - Light Grey M63 17 12 70 IP54 PA6 -30 to +100C 10.1215 PASW Ral9005 - Black M12 10 6 15 IP54 PA6 -30 to +100C 10.1615 PASW Ral9005 - Black M16 10,5 6 20 IP54 PA6 -30 to +100C 10.2015 PASW Ral9005 - Black M20 10,5 6 24 IP54 PA6 -30 to +100C 10.2515 PASW Ral9005 - Black M25 13 8 30 IP54 PA6 -30 to +100C 10.3125 PASW Ral9005 - Black M32 13,5 8 37 IP54 PA6 -30 to +100C 10.4015 PASW Ral9005 - Black M40 14 8 46 IP54 PA6 -30 to +100C 10.5015 PASW Ral9005 - Black M50 16,5 10 56 IP54 PA6 -30 to +100C 10.6315 PASW Ral9005 - Black M63 17 12 70 IP54 PA6 -30 to +100C Part Code Colour Size H (mm) L (mm) Da (mm) IP Rating Material Temperature Rating 10.1215 PAV Ral7001 - Grey M12 10 6 15 IP65 PA6 -30 to +100C 10.1615 PAV Ral7001 - Grey M16 10,5 6 20 IP65 PA6 -30 to +100C 10.2015 PAV Ral7001 - Grey M20 10,5 6 24 IP65 PA6 -30 to +100C 10.2515 PAV Ral7001 - Grey M25 13 8 30 IP65 PA6 -30 to +100C 10.3125 PAV Ral7001 - Grey M32 13,5 8 37 IP65 PA6 -30 to +100C 10.4015 PAV Ral7001 - Grey M40 14 8 46 IP65 PA6 -30 to +100C 10.5015 PAV Ral7001 - Grey M50 16,5 10 56 IP65 PA6 -30 to +100C 10.6315 PAV Ral7001 - Grey M63 17 12 70 IP65 PA6 -30 to +100C 10.1215 PAV7035 Ral7035 - Light Grey M12 10 6 15 IP65 PA6 -30 to +100C 10.1615 PAV7035 Ral7035 - Light Grey M16 10,5 6 20 IP65 PA6 -30 to +100C 10.2015 PAV7035 Ral7035 - Light Grey M20 10,5 6 24 IP65 PA6 -30 to +100C 10.2515 PAV7035 Ral7035 - Light Grey M25 13 8 30 IP65 PA6 -30 to +100C 10.3125 PAV7035 Ral7035 - Light Grey M32 13,5 8 37 IP65 PA6 -30 to +100C 10.4015 PAV7035 Ral7035 - Light Grey M40 14 8 46 IP65 PA6 -30 to +100C 10.5015 PAV7035 Ral7035 - Light Grey M50 16,5 10 56 IP65 PA6 -30 to +100C 10.6315 PAV7035 Ral7035 - Light Grey M63 17 12 70 IP65 PA6 -30 to +100C 10.1215 PAVSW Ral9005 - Black M12 10 6 15 IP65 PA6 -30 to +100C 10.1615 PAVSW Ral9005 - Black M16 10,5 6 20 IP65 PA6 -30 to +100C 10.2015 PAVSW Ral9005 - Black M20 10,5 6 24 IP65 PA6 -30 to +100C 10.2515 PAVSW Ral9005 - Black M25 13 8 30 IP65 PA6 -30 to +100C 10.3125 PAVSW Ral9005 - Black M32 13,5 8 37 IP65 PA6 -30 to +100C 10.4015 PAVSW Ral9005 - Black M40 14 8 46 IP65 PA6 -30 to +100C 10.5015 PAVSW Ral9005 - Black M50 16,5 10 56 IP65 PA6 -30 to +100C 10.6315 PAVSW Ral9005 - Black M63 17 12 70 IP65 PA6 -30 to +100C WJ-DM 12/3x2.3 Perfect series 50.6xx PAzzzz & Perfect series 50.1xx Pazzzz. Other sizes and hole configurations also available - please request details. M12 6.6 3x2.3 8.5 N/a Evoprene TPE -30c to +100c WJ-DM 16/2x4.5 M16 7.6 2x4.5 11.7 N/a Evoprene TPE -30c to +100c WJ-DM 16/4x2.3 M16 7.6 4x2.3 11.7 N/a Evoprene TPE -30c to +100c WJ-DM 20/2x4 M20 7.5 2x4 15.1 N/a Evoprene TPE -30c to +100c WJ-DM 20/2x6 M20 7.5 2x6 15.1 N/a Evoprene TPE -30c to +100c WJ-DM 20/4x5 M20 7.5 4x5 15.1 N/a Evoprene TPE -30c to +100c WJ-DM 25/3x6 M25 9.3 3x6 19.8 N/a Evoprene TPE -30c to +100c WJ-DM 25/3x7 M25 9.3 3x7 19.8 N/a Evoprene TPE -30c to +100c WJ-DM 25/4x5 M25 9.3 4x5 19.8 N/a Evoprene TPE -30c to +100c WJ-DM 25/4x6 M25 9.3 4x6 19.8 N/a Evoprene TPE -30c to +100c WJ-DM 32/4x7 M32 12.5 4x7 25.1 N/a Evoprene TPE -30c to +100c WJ-DM 32/4x8 M32 12.5 4x8 25.1 N/a Evoprene TPE -30c to +100c WJ-DM 32/4x8.5 M32 12.5 4x8.5 25.1 N/a Evoprene TPE -30c to +100c WJ-DM 40/5x8.5 M40 15 5x8.5 32.3 N/a Evoprene TPE -30c to +100c WJ-DM 12 STO M12 6.6 8.5 N/a Evoprene TPE -30c to +100c IP68 Nylon Metric Perfect |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |