| Electronic Components Datasheet Search |
|
DLB22-R11XY Datasheet(PDF) 21 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DLB22-R11XY Datasheet(HTML) 21 Page - Hylec-APL Ltd. All rights reserved. |
|
21 / 35 page ![]() 40 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 41 Cable Glands Perfect Metric Nickel Plated Brass IP68 Long Thread In-Line EMC Shield Version IP68 Perfect Nickel Plated Brass Cable Gland Long Thread IP68 EMC Shield Version Long Thread IP68 Perfect Nickel Plated Brass with Reducing Insert IP65 WADI Special Small Cable High Temperature Gland IP66 Perfect Nickel Plated Brass Cable Gland for Flat Profile Cable IP65 Perfect Nickel Plated Brass Cable Gland For ASI Profile Cable Part Code Size H (mm) L (mm) ØC (mm) Temp Rating 50.616 M/EMVDL M16 35 10 5-9 -20 to +100C 50.620 M/EMVDL M20 37,5 10 9-13 -20 to +100C 50.625 M/EMVDL M25 40,5 11 11-16 -20 to +100C 50.632 M/EMVDL M32 43 13 14-21 -20 to +100C 50.640 M/EMVDL M40 46 13 19-27 -20 to +100C Part Code Size H (mm) L (mm) ØC (mm) Temp Rating 50.612M-L M12 30 10 3-6 -20 to +100C 50.616M-L M16 35 10 5-9 -20 to +100C 50.620M-L M20 37,5 10 9-13 -20 to +100C 50.625M-L M25 40,5 11 11-16 -20 to +100C 50.632M-L M32 43 13 14-21 -20 to +100C 50.640M-L M40 46 13 19-27 -20 to +100C 50.650M-L M50 54,5 14 24-35 -20 to +100C 50.663M-L M63 56,5 14 32-42 -20 to +100C 50.663 M1-L M63 56,5 14 38-48 -20 to +100C 50.612 M/EMV/L M12 30 10 3-6 -20 to +100C 50.616 M/EMV/L M16 35 10 5-9 -20 to +100C 50.620 M/EMV/L M20 37,5 10 9-13 -20 to +100C 50.625 M/EMV/L M25 40,5 11 11-16 -20 to +100C 50.632 M/EMV/L M32 43 13 14-21 -20 to +100C 50.640 M/EMV/L M40 46 13 19-27 -20 to +100C 50.650 M/EMV/L M50 54,5 14 24-35 -20 to +100C 50.663 M/EMV/L M63 56,5 14 32-42 -20 to +100C 50.663 M1/EMV/L M63 56,5 14 38-48 -20 to +100C 50.612 M/R M12 25 5 2-5 -20 to +100C 50.616 M/R M16 30 5 3-9 -20 to +100C 50.620 M/R M20 33,5 6 5-13 -20 to +100C 50.625 M/R M25 36,5 7 8-16 -20 to +100C 50.632 M/R M32 38 8 12-21 -20 to +100C 50.640 M/R M40 41 8 16-27 -20 to +100C 50.650 M/R M50 49,5 9 21-35 -20 to +100C 50.663 M/R M63 52,5 10 27-48 -20 to +100C 111005 M6 16,5 6 2-3.2 -30 to +100C 111006 M8 19 6 3-5 -30 to +100C 111010 M10 19,5 6 4-6 -30 to +100C 111072 M72 59,5 18 53-60 -30 to +100C 50.620 MFK1 M20 33,5 6 5x12max, 2x9min -20 to +100C 50.625 MFK1 M25 36,5 7 6x16.3max, 2x11min -20 to +100C 50.632 MFK1 M32 38 8 9x20max, 3x13min -20 to +100C 50.640 MFK1 M40 41 8 10x27max, 3x17min -20 to +100C 50.650 MFK1 M50 49,5 9 13x34max, 4x24min -20 to +100C 50.663 MFK1 M63 52,5 10 15x45max, 5x33min -20 to +100C 50.620 M/ASI/1 M20 33,5 6 1x ASI cable -20 to +100C 50.625 M/ASI/1 M25 36,5 7 1x ASI cable -20 to +100C 50.620 M/ASI/2 M20 33,5 6 2x ASI cable -20 to +100C 50.625 M/ASI/2 M25 36,5 7 2x ASI cable -20 to +100C Features: • Easy to install • Upto IP 68 protection • Made From Nickel Plated Brass |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |