Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57045 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD57045
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045 Datasheet(HTML) 4 Page - STMicroelectronics

  PD57045 Datasheet HTML 1Page - STMicroelectronics PD57045 Datasheet HTML 2Page - STMicroelectronics PD57045 Datasheet HTML 3Page - STMicroelectronics PD57045 Datasheet HTML 4Page - STMicroelectronics PD57045 Datasheet HTML 5Page - STMicroelectronics PD57045 Datasheet HTML 6Page - STMicroelectronics PD57045 Datasheet HTML 7Page - STMicroelectronics PD57045 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PD57045 PD57045S
4/8
Output Power and Power Gain vs. Input Power
0
0.5
1
1.5
2
2.5
3
3.5
Pin, INPUT POWER (W)
0
10
20
30
40
50
60
10
11
12
13
14
15
16
Gp
Pout
VDD=28 V
IDQ=250 mA
f= 945 MHz
Power Gain vs. Output Power
0.1
1
10
100
Pout, OUTPUT POWER (W)
10
11
12
13
14
15
16
17
Idq= 450mA
Idq= 250mA
Idq= 150mA
Idq= 75mA
Vdd= 28V
f= 945Mhz
Drain Efficiency vs. Output Power
0
102030405060
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
f= 945MHz
Vdd=28V
Idq=250mA
Return Loss vs. Output Power
0
10203040
50
60
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
f= 945 MHz
Vdd= 28V
Idq=250mA
Output Power vs. Bias Current
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
20
30
40
50
60
Pin=1.5W
Vdd= 28V
f= 945 MHz
Drain Efficiency vs. Bias Current
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
30
40
50
60
70
Pin= 1.5W
Vdd= 28V
f=945 MHz
TYPICAL PERFORMANCE - PD57045S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com