Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57045 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD57045
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045 Datasheet(HTML) 3 Page - STMicroelectronics

  PD57045 Datasheet HTML 1Page - STMicroelectronics PD57045 Datasheet HTML 2Page - STMicroelectronics PD57045 Datasheet HTML 3Page - STMicroelectronics PD57045 Datasheet HTML 4Page - STMicroelectronics PD57045 Datasheet HTML 5Page - STMicroelectronics PD57045 Datasheet HTML 6Page - STMicroelectronics PD57045 Datasheet HTML 7Page - STMicroelectronics PD57045 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
PD57045 PD57045S
Capacitance vs. Drain Voltage
0
1020
3040
50
VDS, DRAIN-SOURCE VOLTAGE (V)
1
10
100
1000
Ciss
Coss
Crss
f=1 MHz
Drain Current vs. Gate Voltage
2.5
3
3.5
4
4.5
5
VGS, GATE-SOURCE VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
Vds=10V
Gate-Source Voltage vs. Case Temperature
-25
0
25
50
75
Tc, CASE TEMPERATURE (
°C)
0.96
0.98
1
1.02
1.04
ID = 1.5A
ID =2A
ID =3A
VDS=10 V
ID =.25A
ID =1 A
TYPICAL PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com