Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57045 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD57045
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045 Datasheet(HTML) 2 Page - STMicroelectronics

  PD57045 Datasheet HTML 1Page - STMicroelectronics PD57045 Datasheet HTML 2Page - STMicroelectronics PD57045 Datasheet HTML 3Page - STMicroelectronics PD57045 Datasheet HTML 4Page - STMicroelectronics PD57045 Datasheet HTML 5Page - STMicroelectronics PD57045 Datasheet HTML 6Page - STMicroelectronics PD57045 Datasheet HTML 7Page - STMicroelectronics PD57045 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD57045 PD57045S
2/8
PIN CONNECTION
SOURCE
DRAIN
GATE
SC15200
ELECTRICAL SPECIFICATION(TCASE =25 0C)
STATIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS =0 V
IDS =1 mA
65
V
IDSS
VGS =0 V
VDS =28 V
1
µA
IGSS
VGS =20 V
VDS =0 V
1
µA
VGS(Q)
VDS =28 V
ID = 250 mA
2.0
5.0
V
VDS(ON)
VGS =10 V
ID = 3 A
0.7
0.9
V
gFS
VDS =10 V
ID =5 A
2.0
2.7
mho
CISS
VGS =0 V
VDS = 28 V
f = 1 MHz
86
pF
COSS
VGS =0 V
VDS = 28 V
f = 1 MHz
47
pF
CRSS
VGS =0 V
VDS =28 V
f = 1 MHz
3.6
pF
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V
f = 945 MHz
IDQ = 250 mA
45
W
GPS
VDD = 28 V
f = 945 MHz
POUT =45 W
IDQ =250 mA
13
14.5
dB
ηD
VDD = 28 V
f = 945 MHz
POUT =45 W
IDQ =250 mA
50
%
LOAD
Mismatch
VDD = 28 V
f = 945 MHz
POUT =45 W
IDQ =250 mA
ALL PHASE ANGLES
10:1
VSWR
D
S
G
ZDL
SC13140
Typical Input
Zin
Typical Drain
Load Impedance
Impedance
IMPEDANCE DATA
PD57045S
Frequency
MHz
Zin
Ω
Zdl
Ω
945
.80 + j 1.24
1.66 - j.44



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com