Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F10JBCAFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F10JBCAFP
Description  Integrated USB Controller, True Low Power Platform (as low as 112.5 μA/MHz, and 0.61 μA for RTC LVD), 2.4 V to 5.5 V Operation, 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All USB Based Applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10JBCAFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F10JBCAFP Datasheet HTML 1Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 2Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 3Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 4Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
RL78/G1C
1. OUTLINE
Page 2 of 138
R01DS0348EJ0140 Rev.1.40
Apr 26, 2024
ROM, RAM capacities
Flash ROM
Data flash
RAM
RL78/G1C
32-pin
48-pin
32 KB
2 KB
5.5 KB Note
R5F10JBC, R5F10KBC
R5F10JGC, R5F10KGC
Note This is about 4.5 KB when the self-programming function is used.
Remark The functions mounted depend on the product. See 1.6 Outline of Functions.
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G1C
Ordering Part Number
R 5 F 1 0 J G C A x x x F B # 00
Part Number
Packing
#U0, #00, #20, #60 : Tray (HWQFN)
#V0, #10, #70
: Tray (LQFP, LFQFP)
#W0, #40
: Embossed Tape (HWQFN)
#X0, #50
: Embossed Tape (LQFP, LFQFP)
Package
ROM Number (Blank product is omitted)
ROM Capacity
RL78/G1C group
Renesas Microcontroller
Renesas Semiconductor
FP : LQFP, 0.80 mm pitch
FB : LFQFP, 0.50 mm pitch
NA : HWQFN, 0.50 mm pitch
C
32 KB
Pin count
B : 32-pin
G : 48-pin
10J : USB host / function controller mounted
10K : USB function controller mounted
Classification
A : Consumer use, operating ambient temperature: - 40 °C to +85 °C
G : Industrial use, operating ambient temperature: - 40 °C to +105 °C
Type of Memory
F : Flash data memory
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com