Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F10JBCAFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F10JBCAFP
Description  Integrated USB Controller, True Low Power Platform (as low as 112.5 μA/MHz, and 0.61 μA for RTC LVD), 2.4 V to 5.5 V Operation, 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All USB Based Applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10JBCAFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F10JBCAFP Datasheet HTML 9Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 10Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 11Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 12Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 13Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 14Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 15Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 16Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
RL78/G1C
1. OUTLINE
Page 13 of 138
R01DS0348EJ0140 Rev.1.40
Apr 26, 2024
1.5 Block Diagram
1.5.1 32-pin products
PORT 1
P16, P17
PORT 2
P20 to P24
5
PORT 3
P30, P31
2
PORT 4
PORT 5
2
PORT 12
P121, P122
P40
P50, P51
2
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
PLL
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (2ch)
UART0
IIC00
RxD0/P50
TxD0/P51
TIMER ARRAY
UNIT (4ch)
ch2
TI02/TO02/P17
ch3
TI03/TO03/P31
ch0
ch1
2
INTP0/P137
INTP3/P30,
INTP4/P31
INTP1/P50,
INTP2/P51
A/D CONVERTER
5
ANI0/P20 to
ANI4/P24
3
ANI16/P01, ANI17/P00,
ANI19/P120
AVREFP/P20
AVREFM/P21
2
P120
PORT 13
P137
SCL00/P30
SDA00/P50
IIC01
TI00/P00
TO00/P01
BCD
ADJUSTMENT
USB VOLTAGE
REGULATOR
SCK00/P30
SO00/P51
SI00/P50
CSI00
VSS
TOOLRxD/P50,
TOOLTxD/P51
VDD
UVDD
SERIAL
INTERFACE IICA0
SDAA0/P61
SCLA0/P60
2
INTP5/P16
MULTIPLIER&
DIVIDER,
MULITIPLY-
ACCUMULATOR
PORT 0
P00, P01
2
BUZZER OUTPUT
PCLBUZ0/P31,
PCLBUZ1/P70
CLOCK OUTPUT
CONTROL
CSI01
UOVRCUR0
UVBUSEN0
USB
UOVRCUR1
UVBUSEN1
UDM0
UDP0
UDP1
UVBUS
UDM1
DIRECT MEMORY
ACCESS CONTROL
PORT 6
PORT 7
P70
P60 to P62
3
2
TI01/TO01/P16
REAL-TIME
CLOCK
RL78
CPU
CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
12-BIT INTERVAL
TIMER
2
INTP8/P00,
INTP9/P01
SCL01/P01
SDA01/P00
SCK01/P01
SO01/P120
SI01/P00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com