Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F10JBCAFP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R5F10JBCAFP
Description  Integrated USB Controller, True Low Power Platform (as low as 112.5 μA/MHz, and 0.61 μA for RTC LVD), 2.4 V to 5.5 V Operation, 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All USB Based Applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10JBCAFP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F10JBCAFP Datasheet HTML 72Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 73Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 74Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 75Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 76Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 77Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 78Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 79Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 142 page
background image
RL78/G1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105°C)
Page 76 of 138
R01DS0348EJ0140 Rev.1.40
Apr 26, 2024
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
This chapter describes the electrical specifications for the products "G: Industrial applications (TA = -40 to
+105
°C)".
The target products
G: Industrial applications ; TA = -40 to +105
°C
R5F10JBCGNA, R5F10JBCGFP, R5F10JGCGNA, R5F10JGCGFB,
R5F10KBCGNA, R5F10KBCGFP, R5F10KGCGNA, R5F10KGCGFB
Cautions 1. The RL78 microcontrollers has an on-chip debug function, which is provided for
development and evaluation.
Do not use the on-chip debug function in products
designated for mass production, because the guaranteed number of rewritable times of the
flash memory may be exceeded when this function is used, and product reliability therefore
cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the
on-chip debug function is used.
2. The pins mounted depend on the product.
3. Please contact Renesas Electronics sales office for derating of operation under TA = +85
°C
to +105
°C. Derating is the systematic reduction of load for the sake of improved reliability.
There are following differences between the products "G: Industrial applications (TA = -40 to +105
°C)" and the
products “A: Consumer applications”.
Parameter
Application
A: Consumer applications
G: Industrial applications
Operating ambient temperature
TA = -40 to +85
°C
TA = -40 to +105
°C
High-speed on-chip oscillator clock
accuracy
2.4 V
≤ VDD ≤ 5.5 V
±1.0%@ TA = -20 to +85°C
±1.5%@ TA = -40 to -20°C
2.4 V
≤ VDD ≤ 5.5 V
±2.0%@ TA = +85 to +105°C
±1.0%@ TA = -20 to +85°C
±1.5%@ TA = -40 to -20°C
Serial array unit
UART
Simplified SPI (CSI): fCLK/2 (supporting
16 Mbps), fCLK/4
Simplified I2C communication
UART
Simplified SPI (CSI): fCLK/4
Simplified I2C communication
IICA
Normal mode
Fast mode
Fast mode plus
Normal mode
Fast mode
Remark The electrical characteristics of the products G: Industrial applications (TA = -40 to +105
°C) are different
from those of the products “A: Consumer applications”. For details, refer to 3.1 to 3.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com