Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB63 Datasheet(PDF) 10 Page - ABB

Part # S201MB63
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB63 Datasheet(HTML) 10 Page - ABB

Back Button S201MB63 Datasheet HTML 2Page - ABB S201MB63 Datasheet HTML 3Page - ABB S201MB63 Datasheet HTML 4Page - ABB S201MB63 Datasheet HTML 5Page - ABB S201MB63 Datasheet HTML 6Page - ABB S201MB63 Datasheet HTML 7Page - ABB S201MB63 Datasheet HTML 8Page - ABB S201MB63 Datasheet HTML 9Page - ABB S201MB63 Datasheet HTML 10Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
37 distribution ABB Low Voltage Contractor 0312
2
Extension Boxes
Top Extension Boxes
Product Hierarchy 42000001
Description
Part No
Order Code
Price £
Extension Box Plain Cover No DIN Rail
EPBTEB200C
1SKA121142C0001
45.09
Extension Box Plain Cover No DIN Rail
EPBTEB400C
1SKA123142C0001
72.12
14 Module Extension Box Steel Flap (1 row)
EPBTEB200S
1SKA122142C0001
52.59
28 Module Extension Box Steel Flap (2 row)
EPBTEB400S
1SKA124142C0001
76.62
Meter Modules
Distribution Board 3 phase kWh meter module fitted with Type DAB13000 Meter multi
function with pulsed output
• Extension box with CT’s, wiring loom and MCB to pick up voltage.
• Can be mounted top or bottom of board.
• Modbus, maximum demand and M-bus version available
Max Cable
Diameter
(Through CT)
Dimensions mm
Product Hierarchy 42000001
CT size
HW
D
Part No
Order Code
Price £
100A
400
400
125
DB100METMOD
1TVL151800S1017
729.47
125A
27mm
DB125METMOD
1TVL151800S1018
729.47
250A
DB250METMOD
1TVL151800S1019
729.47
Please Note: The above modules are built to order, lead times available on request.
Protecta - Type B Distribution Boards
Metering Modules, Extension Boxes
Extension Box Dimensions
Part No
Height mm
Width mm
Depth mm
EPBTEB200C
200
400
125
EPBTEB400C
400
400
125
EPBTEB200S
200
400
125
EPBTEB400S
400
400
125



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com