Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB63 Datasheet(PDF) 2 Page - ABB

Part # S201MB63
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB63 Datasheet(HTML) 2 Page - ABB

  S201MB63 Datasheet HTML 1Page - ABB S201MB63 Datasheet HTML 2Page - ABB S201MB63 Datasheet HTML 3Page - ABB S201MB63 Datasheet HTML 4Page - ABB S201MB63 Datasheet HTML 5Page - ABB S201MB63 Datasheet HTML 6Page - ABB S201MB63 Datasheet HTML 7Page - ABB S201MB63 Datasheet HTML 8Page - ABB S201MB63 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
29 distribution ABB Low Voltage Contractor 0312
2
Protecta - Type B Distribution Boards
Split Load Type B - TP & N Distribution Boards
Dimensions
Product Hierarchy 4200001
Outgoing Ways
H
W
D
Incomer
Order Code
Price £
4+4 way TP&N
902
800
125
125A
EPB25-0404S125C
POA
4+4 way TP&N
902
800
125
125A
EPB25-0606S125C
POA
4+4 way TP&N
902
800
125
125A
EPB25-0808S125C
POA
4+4 way TP&N
902
800
125
125A
EPB25-1212S125C
POA
4+4 way TP&N
902
800
125
125A
EPB25-1616S125C
POA
4+4 way TP&N
902
800
125
125A
EPB25-2020S125C
POA
4+4 way TP&N
902
800
125
125A
EPB25-2424S125C
POA
4+4 way TP&N
902
800
125
250A
EPB25-0404S250C
POA
6+6 way TP&N
960
800
125
250A
EPB25-0606S250C
POA
8+6 way TP&N
1010
800
125
250A
EPB25-0808S250C
POA
12+12 way TP&N
1118
800
125
250A
EPB25-1212S250C
POA
16+16 way TP&N
1230
800
125
250A
EPB25-1616S250C
POA
20+20 way TP&N
1401
800
125
250A
EPB25-2020S250C
POA
24+24 way TP&N
1540
800
125
250A
EPB25-2424S250C
POA
4+4 way TP&N
EPB25-0808S125C
A range of three phase MCB
distribution boards which allows the
option of metering in each section.
This makes these units suitable for
individual monitoring of the power and
lighting circuits within an installation.
General Description
•
Constructed to BS EN60439 part 1 & 3
•
IP Ingress protection IP41 BSEN60529
•
Enclosure finished in RAL7035
•
4+4 - 24+24 TP&N ways
•
Busbar rated 250A
•
Incoming devices are included
•
Voltage rating at 230/400v 50Hz
•
Earth and neutral terminals included
•
Integral door latch with key
•
Reversible door
•
Incoming devices 125A & 250A
•
Includes 2 meters DAB13000
Split Load Type B
TP&N Distribution Boards



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com